Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM3517 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AM3517
Descripción Electrónicos  ARM Microprocessor
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 23Page - Texas Instruments AM3517 Datasheet HTML 24Page - Texas Instruments AM3517 Datasheet HTML 25Page - Texas Instruments AM3517 Datasheet HTML 26Page - Texas Instruments AM3517 Datasheet HTML 27Page - Texas Instruments AM3517 Datasheet HTML 28Page - Texas Instruments AM3517 Datasheet HTML 29Page - Texas Instruments AM3517 Datasheet HTML 30Page - Texas Instruments AM3517 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 184 page
background image
AM3517/05 ARM Microprocessor
www.ti.com
SPRS550 – OCTOBER 2009
Table 2-1. Ball Characteristics (ZCN Pkg.) (continued)
BALL
PIN NAME
MODE [3]
TYPE [4]
BALL
BALL
RESET REL. POWER [8]
VOLTAGE
HYS [10]
LOAD (pF)
PULL U/D
IO CELL [13]
LOCATION
[2]
RESET
RESET REL. MODE [7]
[9]
[11]
TYPE [12]
[1]
STATE [5]
STATE [6]
mmc3_dat4
2
IO
hsusb1_
3
IO
data0
gpio_14
4
IO
mm_fsusb1_r 5
IO
xrcv
hsusb1_tll_
6
IO
data0
AC18
etk_d1
0
O
H
PU
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mcspi3_
1
IO
somi
hsusb1_
3
IO
data1
gpio_15
4
IO
mm_fsusb1_t 5
IO
xse0
hsusb1_tll_
6
IO
data1
AB18
etk_d2
0
O
H
PU
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mcspi3_cs0
1
IO
hsusb1_
3
IO
data2
gpio_16
4
IO
mm_fsusb1_t 5
IO
xdat
hsusb1_tll_d 6
IO
ata2
AA18
etk_d3
0
O
L
PU
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mcspi3_clk
1
IO
mmc3_dat3
2
IO
hsusb1_
3
IO
data7
gpio_17
4
IO
hsusb1_tll_
6
IO
data7
Y18
etk_d4
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mcbsp5_dr
1
I
mmc3_dat0
2
IO
hsusb1_
3
IO
data4
gpio_18
4
IO
hsusb1_tll_
6
IO
data4
AE19
etk_d5
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mcbsp5_fsx
1
IO
mmc3_dat1
2
IO
hsusb1_
3
IO
data5
gpio_19
4
IO
hsusb1_tll_
6
IO
data5
AD19
etk_d6
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mcbsp5_dx
1
IO
mmc3_dat2
2
IO
hsusb1_
3
IO
data6
gpio_20
4
IO
hsusb1_tll_
6
IO
data6
AB19
etk_d7
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mcspi3_cs1
1
O
Submit Documentation Feedback
TERMINAL DESCRIPTION
27


Número de pieza similar - AM3517

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3517 TI-AM3517 Datasheet
1Mb / 218P
[Old version datasheet]   AM3517/05 ARM Microprocessor
AM3517 TI1-AM3517 Datasheet
1Mb / 223P
[Old version datasheet]   ARM Microprocessors
AM3517 TI1-AM3517 Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
AM3517AZCN TI1-AM3517AZCN Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
AM3517AZCNA TI1-AM3517AZCNA Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
More results

Descripción similar - AM3517

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1806_1005 TI-AM1806_1005 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1707 TI-AM1707 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1802 TI1-AM1802 Datasheet
1Mb / 180P
[Old version datasheet]   AM1802 ARM Microprocessor
AM1705DPTPA3 TI1-AM1705DPTPA3 Datasheet
1Mb / 164P
[Old version datasheet]   AM1705 ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com