Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8557IPM Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8557IPM
Descripción Electrónicos  16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS8557IPM Datasheet(HTML) 4 Page - Texas Instruments

  ADS8557IPM Datasheet HTML 1Page - Texas Instruments ADS8557IPM Datasheet HTML 2Page - Texas Instruments ADS8557IPM Datasheet HTML 3Page - Texas Instruments ADS8557IPM Datasheet HTML 4Page - Texas Instruments ADS8557IPM Datasheet HTML 5Page - Texas Instruments ADS8557IPM Datasheet HTML 6Page - Texas Instruments ADS8557IPM Datasheet HTML 7Page - Texas Instruments ADS8557IPM Datasheet HTML 8Page - Texas Instruments ADS8557IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ELECTRICAL CHARACTERISTICS: ADS8556
ADS8556
ADS8557
ADS8558
SBAS404A – OCTOBER 2006 – REVISED AUGUST 2009 ............................................................................................................................................... www.ti.com
Over recommended operating free-air temperature range of –40°C to +125°C, AVDD = 4.5V to 5V, BVDD = 2.7V to 5.5V,
HVDD = 10V to 15V, HVSS = –15V to –10V, VREF = 2.5V (internal), and fDATA = 630kSPS in parallel mode or 450kSPS in
serial mode, unless otherwise noted.
ADS8556
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNIT
DC ACCURACY
Resolution
16
Bits
No missing codes
16
Bits
At TA = –40°C to +85°C
–3
±1.5
3
LSB
Integral linearity error
INL
At TA = –40°C to +125°C
–4
±1.5
4
LSB
At TA = –40°C to +85°C
–1
±0.75
1.5
LSB
Differential linearity error
DNL
At TA = –40°C to +125°C
–1
±0.75
2
LSB
Offset error
–4.0
±0.8
4.0
mV
Offset error drift
±3.5
µV/°C
Gain error
Referenced to voltage at REFIO
–0.75
±0.25
0.75
%FSR
Gain error drift
Referenced to voltage at REFIO
±6
ppm/°C
Power-supply rejection ratio
PSRR At output code FFFFh, related to AVDD
60
dB
SAMPLING DYNAMICS
Acquisition time
tACQ
280
ns
Conversion time per ADC
tCONV
1.26
µs
18.5
tCCLK
Internal conversion clock period
tCCLK
68.0
ns
Parallel interface,
630
kSPS
internal clock and reference
Throughput rate
fDATA
Serial interface,
450
kSPS
internal clock and reference
AC ACCURACY
At fIN = 10kHz, TA = –40°C to +85°C
90
91.5
dB
Signal-to-noise ratio
SNR
At fIN = 10kHz, TA = –40°C to +125°C
89
91.5
dB
At fIN = 10kHz, TA = –40°C to +85°C
87
89.5
dB
Signal-to-noise ratio + distortion
SINAD
At fIN = 10kHz, TA = –40°C to +125°C
86.5
89.5
dB
At fIN = 10kHz, TA = –40°C to +85°C
–94
–90
dB
Total harmonic distortion(2)
THD
At fIN = 10kHz, TA = –40°C to +125°C
–94
–89.5
At fIN = 10kHz, TA = –40°C to +85°C
90
95
dB
Spurious-free dynamic range
SFDR
At fIN = 10kHz, TA = –40°C to +125°C
89.5
95
dB
Channel-to-channel isolation
At fIN = 10kHz
100
dB
In 4 × VREF mode
48
MHz
–3dB small-signal bandwidth
In 2 × VREF mode
24
MHz
(1)
All values are at TA = +25°C.
(2)
Calculated on the first nine harmonics of the input frequency.
4
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8556 ADS8557 ADS8558


Número de pieza similar - ADS8557IPM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8557IPM TI1-ADS8557IPM Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8557IPMR TI1-ADS8557IPMR Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
More results

Descripción similar - ADS8557IPM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com