Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX584B5V6 Datasheet(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No. de pieza BZX584B5V6
Descripción Electrónicos  200mW SOD-523 SURFACE MOUNT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Página de inicio  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

BZX584B5V6 Datasheet(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  BZX584B5V6 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX584B5V6 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX584B5V6 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX584B5V6 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX584B5V6 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DB-147
April 2009, Revision A
Page 3
TAK CHEONG
®
SEMICONDUCTOR
Rating and Characteristic Curves
Fig.1 TYPICAL FORWARD VOLTAGE
Fig.2 EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
Fig.4 TYPICAL CAPACITANCE
Fig.5 ZENER BREAKDOWN CHARACTERISTICS
Fig.6 ZENER BREAKDOWN CHARACTERISTICS
0
50
100
150
200
250
0
25
50
75
100
125
150
175
200
TEMPERATURE [
℃]
Fig.3 POWER DISSIPATION VS. AMBIENT TEMP.


Número de pieza similar - BZX584B5V6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BZX584B5V6 PANJIT-BZX584B5V6 Datasheet
99Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
BZX584B5V6 PANJIT-BZX584B5V6 Datasheet
105Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX584B5V6 TSC-BZX584B5V6 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
logo
Jiangsu Changjiang Elec...
BZX584B5V6 JIANGSU-BZX584B5V6 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Micro Commercial Compon...
BZX584B5V6 MCC-BZX584B5V6 Datasheet
509Kb / 4P
   Silicon 150 mWatt Zener Diodes
More results

Descripción similar - BZX584B5V6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yea Shin Technology Co....
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Shunye Enterprise
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
   200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
   200mW SOD-523 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM5ZXXVB YEASHIN-MM5ZXXVB Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
MM5ZXXV YEASHIN-MM5ZXXV Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WTV RECTRON-1N4148WTV Datasheet
268Kb / 6P
   200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB751S-40 DGNJDZ-RB751S-40 Datasheet
107Kb / 3P
   200mW SOD-523 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
   200mW , SOD-523 Surface Mount Zener Diodes
logo
Tak Cheong Electronics ...
TC1N4148WT TAK_CHEONG-TC1N4148WT_11 Datasheet
187Kb / 5P
   200mW SOD-523 SURFACE MOUNT Fast Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com