Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8557IPMR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8557IPMR
Descripción Electrónicos  16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS8557IPMR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8557IPMR Datasheet HTML 3Page - Texas Instruments ADS8557IPMR Datasheet HTML 4Page - Texas Instruments ADS8557IPMR Datasheet HTML 5Page - Texas Instruments ADS8557IPMR Datasheet HTML 6Page - Texas Instruments ADS8557IPMR Datasheet HTML 7Page - Texas Instruments ADS8557IPMR Datasheet HTML 8Page - Texas Instruments ADS8557IPMR Datasheet HTML 9Page - Texas Instruments ADS8557IPMR Datasheet HTML 10Page - Texas Instruments ADS8557IPMR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
ELECTRICAL CHARACTERISTICS: GENERAL
ADS8556
ADS8557
ADS8558
www.ti.com ............................................................................................................................................... SBAS404A – OCTOBER 2006 – REVISED AUGUST 2009
Over recommended operating free-air temperature range of –40°C to +125°C, AVDD = 4.5V to 5.5V, BVDD = 2.7V to 5.5V,
HVDD = 10V to 15V, HVSS = –15V to –10V, VREF = 2.5V (internal), and fDATA = maximum, unless otherwise noted.
ADS8556, ADS8557, ADS8558
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNIT
ANALOG INPUT
RANGE pin/RANGE bit = 0
–4 × VREF
+4 × VREF
V
Bipolar full-scale range
CHXX
RANGE pin/RANGE bit = 1
–2 × VREF
+2 × VREF
V
Input range = ±4 × VREF
10
pF
Input capacitance
Input range = ±2 × VREF
20
pF
Input leakage current
No ongoing conversion
±1
µA
Aperture delay
5
ns
Aperture delay matching
Common CONVST for all channels
250
ps
Aperture jitter
50
ps
EXTERNAL CLOCK INPUT (XCLK)
External clock frequency
fXCLK An external reference must be used for fXCLK > fCCLK
1
18
20
MHz
External clock duty cycle
45
55
%
REFERENCE VOLTAGE OUTPUT (REFOUT)
2.5V operation, REFDAC = 0x3FF
2.485
2.5
2.515
V
2.5V operation, REFDAC = 0x3FF at +25°C
2.496
2.5
2.504
V
Reference voltage
VREF
3.0V operation, REFDAC = 0x3FF
2.985
3.0
3.015
V
3.0V operation, REFDAC = 0x3FF at +25°C
2.995
3.0
3.005
V
Reference voltage drift
dVREF/dT
±10
ppm/°C
Power-supply rejection ratio
PSRR
73
dB
Output current
IREFOUT DC current
–2
2
mA
Short-circuit current(2)
IREFSC
50
mA
Turn-on settling time
tREFON
10
ms
At CREF_x pins
4.7
10
µF
External load capacitance
At REFIO pins
100
470
nF
Tuning range
REFDAC Internal reference output voltage range
0.2 × VREF
VREF
V
REFDAC resolution
10
Bits
REFDAC differential nonlinearity
DNLDAC
–1
±0.1
1
LSB
REFDAC integral nonlinearity
INLDAC
–2
±0.1
2
LSB
REFDAC offset error
VOSDAC VREF = 0.5V (DAC = 0x0CC)
–4
±0.65
4
LSB
REFERENCE VOLTAGE INPUT (REFIN)
Reference input voltage
VREFIN
0.5
2.5
3.025
V
Input resistance
100
M
Input capacitance
5
pF
Reference input current
1
µA
SERIAL CLOCK INPUT (SCLK)
Serial clock input frequency
fSCLK
0.1
36
MHz
Serial clock period
tSCLK
0.0278
10
µs
Serial clock duty cycle
40
60
%
DIGITAL INPUTS(3)
Logic family
CMOS with Schmitt-Trigger
High-level input voltage
0.7 × BVDD
BVDD + 0.3
V
Low-level input voltage
BGND – 0.3
0.3 × BVDD
V
Input current
VI = BVDD to BGND
–50
+50
nA
Input capacitance
5
pF
(1)
All values are at TA = +25°C.
(2)
Reference output current is not limited internally.
(3)
Specified by design.
Copyright © 2006–2009, Texas Instruments Incorporated
7
Product Folder Link(s): ADS8556 ADS8557 ADS8558


Número de pieza similar - ADS8557IPMR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8557IPMR TI1-ADS8557IPMR Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
More results

Descripción similar - ADS8557IPMR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com