Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD75204W15 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza CSD75204W15
Descripción Electrónicos  Dual P-Channel NexFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD75204W15 Datasheet(HTML) 5 Page - Texas Instruments

  CSD75204W15 Datasheet HTML 1Page - Texas Instruments CSD75204W15 Datasheet HTML 2Page - Texas Instruments CSD75204W15 Datasheet HTML 3Page - Texas Instruments CSD75204W15 Datasheet HTML 4Page - Texas Instruments CSD75204W15 Datasheet HTML 5Page - Texas Instruments CSD75204W15 Datasheet HTML 6Page - Texas Instruments CSD75204W15 Datasheet HTML 7Page - Texas Instruments CSD75204W15 Datasheet HTML 8Page - Texas Instruments CSD75204W15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TJ − Case Temperature − °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
−75
−25
25
75
125
175
G007
ID1D2 = −1A
VGS = −4.5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
−VSD − Source to Drain Voltage − V
G008
10
0.1
0.001
0.0001
0.01
1
TJ = 25°C
TJ = 125°C
−VD1D2 − DraintoDrainVoltage − V
G009
100
10
0.01
1
0.1
0.1
10
100
1
AreaLimited
byRD1D2(on)
1ms
10ms
100ms
DC
SinglePulse
TypicalR
=161 C/W(minCu)
q
JA
o
TJ − Junction Temperature − °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
−50
−25
0
25
50
75
100
125
150
175
G011
CSD75204W15
www.ti.com.............................................................................................................................................................................................. SLPS221 – OCTOBER 2009
TYPICAL MOSFET CHARACTERISTICS (continued)
Graphs are Per MOSFET at TA = 25°C, unless stated otherwise. Drain to Drain measurements are done with both MOSFETs
in series (common source configuration).
Figure 8. Normalized On-State Resistance vs. Temperature
Figure 9. Typical Diode Forward Voltage
Figure 10. Maximum Safe Operating Area
Figure 11. Maximum Drain Current vs. Temperature
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CSD75204W15


Número de pieza similar - CSD75204W15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD75204W15 TI-CSD75204W15 Datasheet
151Kb / 9P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75204W15 TI-CSD75204W15_10 Datasheet
151Kb / 9P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
More results

Descripción similar - CSD75204W15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD75204W15 TI-CSD75204W15_10 Datasheet
151Kb / 9P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75211W1723 TI-CSD75211W1723_11 Datasheet
339Kb / 8P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75207W15 TI-CSD75207W15 Datasheet
1Mb / 12P
[Old version datasheet]   Dual P-Channel NexFET Power MOSFET
CSD75211W1723 TI-CSD75211W1723 Datasheet
415Kb / 10P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25302Q2 TI-CSD25302Q2 Datasheet
138Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25211W1015 TI-CSD25211W1015 Datasheet
789Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com