Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSP430F46161IPZR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
No. de pieza MSP430F46161IPZR
Descripción Electrónicos  MIXED SIGNAL MICROCONTROLLER
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

MSP430F46161IPZR Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSP430F46161IPZR Datasheet HTML 28Page - Texas Instruments MSP430F46161IPZR Datasheet HTML 29Page - Texas Instruments MSP430F46161IPZR Datasheet HTML 30Page - Texas Instruments MSP430F46161IPZR Datasheet HTML 31Page - Texas Instruments MSP430F46161IPZR Datasheet HTML 32Page - Texas Instruments MSP430F46161IPZR Datasheet HTML 33Page - Texas Instruments MSP430F46161IPZR Datasheet HTML 34Page - Texas Instruments MSP430F46161IPZR Datasheet HTML 35Page - Texas Instruments MSP430F46161IPZR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
MSP430x461x1, MSP430x461x
MIXED SIGNAL MICROCONTROLLER
32
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Voltage range applied at VCC to VSS
−0.3 V to 4.1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any pin (see Note)
−0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Diode current at any device terminal .
±2 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg:
Unprogrammed device
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Programmed device
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE: All voltages referenced to VSS. The JTAG fuse-blow voltage, VFB, is allowed to exceed the absolute maximum rating. The voltage is applied
to the TDI/TCLK pin when blowing the JTAG fuse.
recommended operating conditions
MIN
NOM
MAX
UNITS
Supply voltage during program execution (see Note 1),
VCC (AVCC = DVCC1/2 = VCC)
MSP430x461x(1)
1.8
3.6
V
Supply voltage during flash memory programming (see Note 1),
VCC (AVCC = DVCC1/2 = VCC)
MSP430F461x(1)
2.7
3.6
V
Supply voltage during program execution,
SVS enabled and PORON = 1 (see Note 1 and Note 2),
VCC (AVCC = DVCC1/2 = VCC)
MSP430x461x(1)
2
3.6
V
Supply voltage (see Note 1), VSS (AVSS = DVSS1/2 = VSS)
0
0
V
Operating free-air temperature range, TA
MSP430x461x(1)
−40
85
°C
LFXT1
t l f
f
LF selected, XTS_FLL = 0
Watch crystal
32.768
LFXT1 crystal frequency, f(LFXT1)
(see Note 2)
XT1 selected, XTS_FLL = 1
Ceramic resonator
450
8000
kHz
(see Note 2)
XT1 selected, XTS_FLL = 1
Crystal
1000
8000
kHz
XT2 crystal frequency f
Ceramic resonator
450
8000
kHz
XT2 crystal frequency, f(XT2)
Crystal
1000
8000
kHz
VCC = 1.8 V
DC
3.0
Processor frequency (signal MCLK), f(System)
VCC = 2.0 V
DC
4.6
MHz
Processor frequency (signal MCLK), f(System)
VCC = 3.6 V
DC
8.0
MHz
NOTES:
1. It is recommended to power AVCC and DVCC from the same source. A maximum difference of 0.3 V between AVCC and DVCC can
be tolerated during power up and operation.
2. The minimum operating supply voltage is defined according to the trip point where POR is going active by decreasing the supply
voltage. POR is going inactive when the supply voltage is raised above the minimum supply voltage plus the hysteresis of the SVS
circuitry.
3. In LF mode, the LFXT1 oscillator requires a watch crystal. In XT1 mode, LFXT1 accepts a ceramic resonator or a crystal.
1.8
3.6
2.7
3
3.0 MHz
8.0 MHz
Supply Voltage − V
Supply voltage range, MSP430F461x(1),
during flash memory programming
Supply voltage range,
MSP430x461x(1), during
program execution
2.0
4.6 MHz
fSystem (MHz)
Figure 1. Frequency vs Supply Voltage, Typical Characteristic


Número de pieza similar - MSP430F46161IPZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MSP430F46161IPZR TI-MSP430F46161IPZR Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Descripción similar - MSP430F46161IPZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com