Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MSP430F46161IPZR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. MSP430F46161IPZR
Descripción  MIXED SIGNAL MICROCONTROLLER
Descarga  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

MSP430F46161IPZR Datasheet(HTML) 38 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
MSP430x461x1, MSP430x461x
MIXED SIGNAL MICROCONTROLLER
38
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
LCD_A
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC(LCD)
Supply voltage (see Note 2)
Charge pump enabled
(LCDCPEN = 1; VLCDx > 0000)
2.2
3.6
V
ICC(LCD)
Supply current (see Note 2 )
VLCD(typ)=3 V; LCDCPEN = 1,
VLCDx= 1000; all segments on,
fLCD = fACLK/32,
no LCD connected (see Note 4)
TA = 25°C
2.2 V
3
µA
CLCD
Capacitor on LCDCAP
(see Note 1 and Note 3)
Charge pump enabled
(LCDCPEN = 1; VLCDx > 0000)
4.7
µF
fLCD
LCD frequency
1.1
kHz
VLCDx = 0000
VCC
VLCDx = 0001
2.60
VLCDx = 0010
2.66
VLCDx = 0011
2.72
VLCDx = 0100
2.78
VLCDx = 0101
2.84
VLCDx = 0110
2.90
V
LCD voltage (see Note 3)
VLCDx = 0111
2.96
V
VLCD
LCD voltage (see Note 3)
VLCDx = 1000
3.02
V
VLCDx = 1001
3.08
VLCDx = 1010
3.14
VLCDx = 1011
3.20
VLCDx = 1100
3.26
VLCDx = 1101
3.32
VLCDx = 1110
3.38
VLCDx = 1111
3.44
3.60
RLCD
LCD driver output impedance
VLCD=3 V; CPEN = 1;
VLCDx = 1000, ILOAD =  10 µΑ
2.2 V
10
k
NOTES:
1. Enabling the internal charge pump with an external capacitor smaller than the minimum specified might damage the device.
2. Refer to the supply current specifications I(LPM3) for additional current specifications with the LCD_A module active.
3. Segments S0 through S3 are disabled when the LCD charge pump feature is enabled (LCDCPEN = 1) and cannot be used together
with the LCD charge pump. In addition, when using segments S0 through S3 with an external LCD voltage supply, VLCD ≤ AVCC.
4. Connecting an actual display will increase the current consumption depending on the size of the LCD.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn