Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54226PWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54226PWP
Descripción Electrónicos  4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54226PWP Datasheet(HTML) 1 Page - Texas Instruments

  TPS54226PWP Datasheet HTML 1Page - Texas Instruments TPS54226PWP Datasheet HTML 2Page - Texas Instruments TPS54226PWP Datasheet HTML 3Page - Texas Instruments TPS54226PWP Datasheet HTML 4Page - Texas Instruments TPS54226PWP Datasheet HTML 5Page - Texas Instruments TPS54226PWP Datasheet HTML 6Page - Texas Instruments TPS54226PWP Datasheet HTML 7Page - Texas Instruments TPS54226PWP Datasheet HTML 8Page - Texas Instruments TPS54226PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
V
-50mA/div
OUT
I
-1 A/div
OUT
100
s/div
m
TPS54226
www.ti.com
SLVSA14A – OCTOBER 2009 – REVISED OCTOBER 2009
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Light Load
Efficiency
Check for Samples: TPS54226
1
FEATURES
DESCRIPTION
23
D-CAP2™ Mode Enables Fast Transient
Response
The TPS54226 is a adaptive on-time D-CAP2™
mode synchronous buck converter. TheTPS54226
Low Output Ripple and Allows Ceramic Output
enables system designers to complete the suite of
Capacitor
various end equipment’s power bus regulators with a
Wide VCC Input Voltage Range: 4.5 V to 18 V
cost effective, low component count, low standby
Wide VIN Input Voltage Range: 2 V to 18 V
current solution. The main control loop for the
TPS54226 uses the D-CAP2™ mode control which
Output Voltage Range: 0.76 V to 5.5 V
provides a very fast transient response with no
Highly Efficient Integrated FET’s Optimized
external compensation components. The adoptive
for Lower Duty Cycle Applications
on-time control supports seamless operation between
– 160 m
Ω (High Side) and 110 mΩ (Low Side)
PWM mode at heavy load condition and reduced
High Efficiency, less than 10
μA at shutdown
frequency operation at light load for high efficiency.
The TPS54226 also has a proprietary circuit that
High Initial Bandgap Reference Accuracy
enables the device to adopt to both low equivalent
Adjustable Soft Start
series resistance (ESR) output capacitors, such as
Pre-Biased Soft Start
POSCAP or SP-CAP, and ultra-low ESR ceramic
capacitors. The device operates from 4.5-V to 18-V
700-kHz Switching Frequency (fSW)
VCC input, and from 2-V to 18-V VIN input power
Cycle By Cycle Over Current Limit
supply
voltage.
The
output
voltage
can
be
Power Good Output
programmed between 0.76 V and 5.5 V. The device
also features an adjustable slow start time and a
Auto-Skip Mode
power good function. The TPS54226 is available in
the 14 pin HTSSOP package, and designed to
APPLICATIONS
operate from –40°C to 85°C.
Wide Range of Applications for Low Voltage
System
Digital TV Power Supply
High Definition Blu-ray Disc™ Players
Networking Home Terminal
Digital Set Top Box (STB)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2, PowerPAD are trademarks of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS54226PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54226PWP TI1-TPS54226PWP Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226PWP TI1-TPS54226PWP Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226PWPR TI1-TPS54226PWPR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226PWPR TI1-TPS54226PWPR Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
More results

Descripción similar - TPS54226PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54326 TI-TPS54326 Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com