Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61093 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61093
Descripción Electrónicos  LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND INPUT/OUTPUT ISOLATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61093 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61093 Datasheet HTML 1Page - Texas Instruments TPS61093 Datasheet HTML 2Page - Texas Instruments TPS61093 Datasheet HTML 3Page - Texas Instruments TPS61093 Datasheet HTML 4Page - Texas Instruments TPS61093 Datasheet HTML 5Page - Texas Instruments TPS61093 Datasheet HTML 6Page - Texas Instruments TPS61093 Datasheet HTML 7Page - Texas Instruments TPS61093 Datasheet HTML 8Page - Texas Instruments TPS61093 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
R1
294kW
V
15V/50mA
O
TPS61093
CP1
CP2
SW
FB
EN
OUT
VO
VIN
GND
SS
C1
4.7
F
m
R2
10.2kW
L1
10
H
m
V 1.6Vto6V
I
R3
200kW
C5
1
F
m
C3
100nF
C2
0.1
F
m
C4
1
F
m
TPS61093
www.ti.com.......................................................................................................................................................................................... SLVS992 – SEPTEMBER 2009
LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND
INPUT/OUTPUT ISOLATION
• Input Range: 1.6-V to 6-V
• Integrated Power Diode and Isolation FET
The TPS61093 is a 1.2-MHz, fixed-frequency boost
converter designed for high integration and high
• 20-V Internal Switch FET With 1.1-A Current
reliability. The IC integrates a 20-V power switch,
• Fixed 1.2-MHz Switching Frequency
input/output isolation switch, and power diode. When
• Efficiency at 15-V Output up to 88%
the output current exceeds the over load limit, the
IC’s isolation switch opens up to disconnect the
• Over Load and Over Voltage Protection
output from the input. This protects the IC and the
• Programmable Soft Start-up
input supply. The isolation switch also disconnects
• Load Discharge Path After IC Shutdown
the output from the input during shutdown to minimize
leakage current. When the IC is shutdown, the output
• 2.5 × 2.5 × 0.8 mm SON Package
capacitor is discharged to a low voltage level by
internal diodes. Other protection features include
1.1-A peak over-current protection (OCP) at each
• Glucose Meter
cycle, output over voltage protection (OVP), thermal
• OLED Power Supply
shutdown, and under voltage lockout (UVLO).
• 3.3-V to 12-V, 5-V to 12-V Boost Converter
With its 1.6-V minimum input voltage, the IC can be
powered by two alkaline batteries, a single Li-ion
battery, or 3.3-V and 5-V regulated supply. The
output can be boosted up to 17-V. The TPS61093 is
available in 2.5 mm × 2.5 mm SON package with
thermal pad.
Figure 1. Typical Application
ORDERING INFORMATION(1)
TA
PART NUMBER(2)
PACKAGE MARKING
–40°C to 85°C
TPS61093DSK
OAP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com
(2)
The DSK package is available in tape and reel. Add R suffix (TPS61093DSKR) to order quantities of 3000 parts per reel, or add T suffix
(TPS61093DSKT) to order 250 parts per reel.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS61093

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61093 TI-TPS61093 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093-Q1 TI-TPS61093-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093-Q1 TI-TPS61093-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093QDSKRQ1 TI-TPS61093QDSKRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093QDSKTQ1 TI-TPS61093QDSKTQ1 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
More results

Descripción similar - TPS61093

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61093 TI-TPS61093_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61093 Low-Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093-Q1 TI-TPS61093-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TLV61046A TI1-TLV61046A Datasheet
1Mb / 24P
[Old version datasheet]   28-V Output Voltage Boost Converter with Power Diode and Isolation Switch
logo
AIMTEC
AM6TIW-RZ AIMTEC-AM6TIW-RZ Datasheet
174Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
AM6TI-Z AIMTEC-AM6TI-Z Datasheet
190Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
logo
Texas Instruments
TPS61260 TI1-TPS61260 Datasheet
1,004Kb / 21P
[Old version datasheet]   TINY LOW INPUT VOLTAGE BOOST CONVERTER
MAY2011
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Microchip Technology
MCP1641X MICROCHIP-MCP1641X Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
02/28/20
MCP1641X MICROCHIP-MCP1641X_V01 Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
Revision D September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com