Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62651YFFR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62651YFFR
Descripción Electrónicos  800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62651YFFR Datasheet(HTML) 3 Page - Texas Instruments

  TPS62651YFFR Datasheet HTML 1Page - Texas Instruments TPS62651YFFR Datasheet HTML 2Page - Texas Instruments TPS62651YFFR Datasheet HTML 3Page - Texas Instruments TPS62651YFFR Datasheet HTML 4Page - Texas Instruments TPS62651YFFR Datasheet HTML 5Page - Texas Instruments TPS62651YFFR Datasheet HTML 6Page - Texas Instruments TPS62651YFFR Datasheet HTML 7Page - Texas Instruments TPS62651YFFR Datasheet HTML 8Page - Texas Instruments TPS62651YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
ELECTRICAL CHARACTERISTICS
TPS62650
TPS62651
www.ti.com................................................................................................................................................................................................. SLVS808 – AUGUST 2009
Minimum and maximum values are at VI = 2.3V to 5.5V, VO = 1.2 V, EN = 1.8V, EN_DCDC bit = 1, AUTO mode and
TA = -40°C to 85°C; Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at
VI = 3.6V, VO = 1.2 V, EN = 1.8V, EN_DCDC bit = 1, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
2.3
5.5
V
VI = 3.6 V, IO = 0 mA, -40°C ≤ TJ≤ 85°C. Device not switching
38
58
µA
IQ
Operating quiescent current
VI = 3.6 V, IO = 0 mA. PWM mode
5.35
mA
VI = 3.6 V, EN = GND, EN_DCDC bit = X, -40°C ≤ TJ≤ 85°C
0.5
3.5
µA
I(SD)
Shutdown current
VI = 3.6 V, EN = VI, EN_DCDC bit = 0, -40°C ≤ TJ≤ 85°C
0.5
3.5
µA
UVLO
Undervoltage lockout threshold
2.05
2.15
V
ENABLE, VSEL, SDA, SCL
VIH
High-level input voltage
0.9
V
VIL
Low-level input voltage
0.4
V
Ilkg
Input leakage current
Input tied to GND or VI, -40°C ≤ TJ≤ 85°C
0.01
0.7
µA
POWER SWITCH
VI = V(GS) = 3.6 V
255
rDS(on)
P-channel MOSFET on resistance
m
VI = V(GS) = 2.5 V
335
Ilkg
P-channel leakage current, PMOS
V(DS) = 5.5 V, -40°C ≤ TJ≤ 85°C
1
µA
VI = V(GS) = 3.6 V
140
rDS(on)
N-channel MOSFET on resistance
m
VI = V(GS) = 2.5 V
200
Ilkg
N-channel leakage current, NMOS
V(DS) = 5.5 V, -40°C ≤ TJ≤ 85°C
1
µA
Discharge resistor for power-down
rDIS
15
50
sequence
P-MOS current limit
2.3 V
≤ VI ≤ 4.8 V. Open loop
1350
1500
1700
mA
Input current limit under short-circuit
VO = 0 V
11
mA
conditions
Thermal shutdown
140
°C
Thermal shutdown hysteresis
15
°C
OSCILLATOR
fSW
Oscillator frequency
IO = 0 mA. PWM mode
5.4
6
6.6
MHz
OUTPUT
2.3 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
VO = 0.75 V, 1.05 V, 1.20 V, 1.4375 V (TPS62650)
–2%
2%
VO = 0.75 V, 0.95 V, 1.10 V, 1.4375 V (TPS62651)
PWM operation
Regulated DC output
voltage accuracy
2.3 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
VO = 0.75 V, 1.05 V, 1.20 V, 1.4375 V (TPS62650)
–2%
3%
VO = 0.75 V, 0.95 V, 1.10 V, 1.4375 V (TPS62651)
VO
TPS62650/1
PFM/PWM Operation
Regulated DC output
VI = 3.6 V, VO = 1.20 V, IO(DC) = 50 mA
-0.5%
+0.5%
voltage temperature drift
-40°C
≤ TJ ≤ 105°C. PWM operation
Line regulation
VI = VO + 0.5 V (min 2.3 V) to 5.5 V, IO(DC) = 200 mA
0.13
%/V
Load regulation
IO(DC) = 0 mA to 800 mA
–0.00046
%/mA
Feedback input resistance
480
k
VO = 1.05 V, VSEL = GND, IO(DC) = 1 mA
16
mVPP
PFM operation
ΔVO
Power-save mode ripple voltage
VO = 1.20 V, VSEL = VI, IO(DC) = 1 mA
16
mVPP
PFM operation
DAC
TPS62650
Resolution
6
Bits
TPS62651
Differential nonlinearity
Specified monotonic by design
±0.4
LSB
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS62650 TPS62651


Número de pieza similar - TPS62651YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62651YFFR TI1-TPS62651YFFR Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
More results

Descripción similar - TPS62651YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62650 TI1-TPS62650_11 Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com