Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65190 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65190
Descripción Electrónicos  10-Channel Level Shifter and VCOM Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65190 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65190 Datasheet HTML 4Page - Texas Instruments TPS65190 Datasheet HTML 5Page - Texas Instruments TPS65190 Datasheet HTML 6Page - Texas Instruments TPS65190 Datasheet HTML 7Page - Texas Instruments TPS65190 Datasheet HTML 8Page - Texas Instruments TPS65190 Datasheet HTML 9Page - Texas Instruments TPS65190 Datasheet HTML 10Page - Texas Instruments TPS65190 Datasheet HTML 11Page - Texas Instruments TPS65190 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
10
20
30
40
50
Output Current (mA)
LEVEL SHIFTER
OUTPUTVOLTAGEDROP LOW
CH9-CH10
CH1-CH8
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
Output Current (mA)
LEVEL SHIFTER
OUTPUTVOLTAGEDROP HIGH
CH9-CH10
CH1-CH8
OPERATIONAL AMPLIFIER
SMALL SIGNAL FREQUENCY RESPONSE
Frequency
V =100mV
UNITY GAIN
-3dB=76MHz
IN
PP
0dB
-3dB/DIV
TPS65190
SLVS881 – SEPTEMBER 2009.......................................................................................................................................................................................... www.ti.com
Figure 15.
Figure 16.
Figure 17.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65190


Número de pieza similar - TPS65190

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65191 TI1-TPS65191 Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
TPS65191RHBR TI1-TPS65191RHBR Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
TPS65192 TI-TPS65192 Datasheet
1Mb / 25P
[Old version datasheet]   9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
TPS65192RHDR TI-TPS65192RHDR Datasheet
1Mb / 25P
[Old version datasheet]   9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
TPS65192RHDT TI-TPS65192RHDT Datasheet
1Mb / 25P
[Old version datasheet]   9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
More results

Descripción similar - TPS65190

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX20067 MAXIM-MAX20067 Datasheet
4Mb / 39P
   Automotive 3-Channel Display Bias IC with VCOM Buffer, Level Shifter, and I2C Interface
Rev 2; 1/21
logo
Analog Devices
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
MC74VHC1GT125DF1G ONSEMI-MC74VHC1GT125DF1G Datasheet
138Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
September, 2012 ??Rev. 14
logo
First Silicon Co., Ltd
FC74VHC1G50 FS-FC74VHC1G50 Datasheet
398Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT126 ONSEMI-MC74VHC1GT126 Datasheet
134Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
May, 2012 ??Rev. 15
logo
Leshan Radio Company
L74VHC1G50 LRC-L74VHC1G50 Datasheet
434Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_16 Datasheet
81Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter
July, 2016 ??Rev. 18
NL17SHT126 ONSEMI-NL17SHT126 Datasheet
108Kb / 5P
   Noninverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
NL17SHT04 ONSEMI-NL17SHT04 Datasheet
103Kb / 5P
   Inverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com