Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS386000RGPT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS386000RGPT
Descripción Electrónicos  Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS386000RGPT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS386000RGPT Datasheet HTML 7Page - Texas Instruments TPS386000RGPT Datasheet HTML 8Page - Texas Instruments TPS386000RGPT Datasheet HTML 9Page - Texas Instruments TPS386000RGPT Datasheet HTML 10Page - Texas Instruments TPS386000RGPT Datasheet HTML 11Page - Texas Instruments TPS386000RGPT Datasheet HTML 12Page - Texas Instruments TPS386000RGPT Datasheet HTML 13Page - Texas Instruments TPS386000RGPT Datasheet HTML 14Page - Texas Instruments TPS386000RGPT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
0.1
1
10
100
Overdrive(%)
100
10
1
0.1
SENSE4H
SENSE3
SENSE4L
SENSE1
SENSE2
NOTE:SeeFigure27 forthemeasurementtechnique.
-50
-30
-10
10
30
50
70
90
110
130
Temperature(°C)
408
406
404
402
400
398
396
V
+V
,V
ITN
HYSN
CC =6.5V
2mV
0.5%
»
V
+V
,V
=
ITN
HYSN
CC
1.8V
V
+V
,V
=
ITN
HYSN
CC
3.3V
V
ITN
CC
,V
=6.5V
V
,V
=
ITN
CC
3.3V
V
,V
=
ITN
CC
1.8V
-50
-30
-10
10
30
50
70
90
110
130
Temperature(°C)
408
406
404
402
400
398
396
V
+V
,V
ITN
HYSN
CC =6.5V
V
+V
,V
=
ITN
HYSN
CC
1.8V
V
+V
,V
=
ITN
HYSN
CC
3.3V
V
,V
=
ITN
CC
6.5V
V
,V
=
ITN
CC
1.8V
V
,V
=
ITN
CC
3.3V
2mV
0.5%
»
-50
-30
-10
10
30
50
70
90
110
130
Temperature(°C)
408
406
404
402
400
398
396
V
+V
,V
=
ITN
HYSN
CC
6.5V
V
+V
,V
=
ITN
HYSN
CC
1.8V
V
+V
,V
=
ITN
HYSN
CC
3.3V
V
,V
=
ITN
CC
1.8V
V
,V
=
ITN
CC
6.5V
V
,V
=
ITN
CC
3.3V
2mV
0.5%
»
-50
-30
-10
10
30
50
70
90
110
130
Temperature(°C)
408
406
404
402
400
398
396
V
+V
,V
=
ITN
HYSN
CC
6.5V
V
+V
,V
=
ITN
HYSN
CC
1.8V
V
,V
=
ITN
CC
3.3V
V
,V
=
ITN
CC
6.5V
V
,V
=
ITN
CC
1.8V
2mV
0.5%
»
V
+V
,V
=
ITN
HYSN
CC
3.3V
-50
-30
-10
10
30
50
70
90
110
130
Temperature(°C)
404
402
400
398
396
394
392
V
+V
,V
=
ITP
HYSP
CC
6.5V
V
+V
,V
=
ITP
HYSP
CC
1.8V
V
,V
=
ITP
CC
6.5V
V
,V
=
ITP
CC
6.5V
V
,V
=
ITP
CC
1.8V
2mV
0.5%
»
V
+V
,V
=
ITP
HYSP
CC
3.3V
TPS386000, TPS386020
TPS386040, TPS386060
www.ti.com
......................................................................................................................................................................................... SBVS105 –SEPTEMBER 2009
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, and VCC = 3.3V, with all four options (TPS386000, TPS386020, TPS386040, and TPS386060) having the
same characteristics, unless otherwise noted.
TPS386040
SENSEn MINIMUM PULSE WIDTH
TPS386040
vs SENSEn THRESHOLD OVERDRIVE VOLTAGE
SENSE1 THRESHOLD VOLTAGE vs TEMPERATURE
Figure 12.
Figure 13.
TPS386040
TPS386040
SENSE2 THRESHOLD VOLTAGE vs TEMPERATURE
SENSE3 THRESHOLD VOLTAGE vs TEMPERATURE
Figure 14.
Figure 15.
TPS386040
TPS386040
SENSE4L THRESHOLD VOLTAGE vs TEMPERATURE
SENSE4H THRESHOLD VOLTAGE vs TEMPERATURE
Figure 16.
Figure 17.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS386000 TPS386020 TPS386040 TPS386060


Número de pieza similar - TPS386000RGPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
TPS386000QRGPRQ1 TI1-TPS386000QRGPRQ1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS386000QRGPRQ1 TI1-TPS386000QRGPRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
More results

Descripción similar - TPS386000RGPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
logo
Allegro MicroSystems
A4410 ALLEGRO-A4410 Datasheet
1Mb / 41P
   Programmable watchdog timer with a 30 ms activation delay
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com