Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS386040 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS386040
Descripción Electrónicos  Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS386040 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS386040 Datasheet HTML 5Page - Texas Instruments TPS386040 Datasheet HTML 6Page - Texas Instruments TPS386040 Datasheet HTML 7Page - Texas Instruments TPS386040 Datasheet HTML 8Page - Texas Instruments TPS386040 Datasheet HTML 9Page - Texas Instruments TPS386040 Datasheet HTML 10Page - Texas Instruments TPS386040 Datasheet HTML 11Page - Texas Instruments TPS386040 Datasheet HTML 12Page - Texas Instruments TPS386040 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TPS386000, TPS386020
TPS386040, TPS386060
www.ti.com
......................................................................................................................................................................................... SBVS105 –SEPTEMBER 2009
PIN ASSIGNMENTS (continued)
PIN
NAME
NO.
DESCRIPTION
TPS386000
RESET1
15
Active low reset output of SVS-1
RESETn is an open-drain output pin. When
RESETn is asserted, this pin remains in a
RESET2
16
Active low reset output of SVS-2
low-impedance state. When RESETn is released,
RESET3
17
Active low reset output of SVS-3
this pin goes to a high-impedance state after the
delay time programmed by CTn.
RESET4
18
Active low reset output of SVS-4
Watchdog timer output. This is an open-drain output pin. When WDT times out, this pin goes to a
WDO
19
low-impedance state to GND. If there is no WDT timeout, this pin stays in a high-impedance state.
TPS386020
RESET1
15
Active high reset output of SVS-1
RESETn is open-drain output pin. When RESETn
is asserted, this pin remains in a high impedance
RESET2
16
Active high reset output of SVS-2
state. When RESETn is released, this pin goes to
RESET3
17
Active high reset output of SVS-3
a low-impedance state after the delay time
programmed by CTn.
RESET4
18
Active high reset output of SVS-4
Watchdog timer output. This is an open-drain output pin. When WDT times out, this pin goes to a
WDO
19
high-impedance state. If there is no WDT timeout, this pin stays in a low-impedance state to GND.
TPS386040
RESET1
15
Active low reset output of SVS-1
RESETn is a push-pull logic buffer output pin.
When RESETn is asserted, this pin remains logic
RESET2
16
Active low reset output of SVS-2
low. When RESETn is released, this pin goes to
RESET3
17
Active low reset output of SVS-3
logic high after the delay time programmed by
CTn.
RESET4
18
Active low reset output of SVS-4
Watchdog timer output. This is a push-pull output pin. When WDT times out, this pin goes to logic low.
WDO
19
If there is no WDT timeout, this pin stays in logic high.
TPS386060
RESET1
15
Active high reset output of SVS-1
RESETn is a push-pull logic buffer output pin.
RESET2
16
Active high reset output of SVS-2
When RESETn is asserted, this pin remains logic
high. When RESETn is released, this pin goes to
RESET3
17
Active high reset output of SVS-3
logic low after the delay time programmed by CTn.
RESET4
18
Active high reset output of SVS-4
Watchdog timer output. This is a push-pull output pin. When WDT times out, this pin goes to logic high.
WDO
19
If there is no WDT timeout, this pin stays in logic low.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS386000 TPS386020 TPS386040 TPS386060


Número de pieza similar - TPS386040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
TPS386000QRGPRQ1 TI1-TPS386000QRGPRQ1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS386000QRGPRQ1 TI1-TPS386000QRGPRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
More results

Descripción similar - TPS386040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
logo
Allegro MicroSystems
A4410 ALLEGRO-A4410 Datasheet
1Mb / 41P
   Programmable watchdog timer with a 30 ms activation delay
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com