Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-3010KD Datasheet(PDF) 3 Page - Sanken electric

No. de pieza SI-3010KD
Descripción Electrónicos  Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3010KD Datasheet(HTML) 3 Page - Sanken electric

  SI-3010KD Datasheet HTML 1Page - Sanken electric SI-3010KD Datasheet HTML 2Page - Sanken electric SI-3010KD Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
22
ICs
1-1-1 Linear Regulator ICs
■Reference Data
•A higher heat radiation effect can be achieved by enlarging the copper laminate
area connected to the inner frame to which a monolithic ICs is mounted.
•Obtaining the junction temperature
Measure the case temperature TC with a thermocouple, etc. Then, substitute
this value in the following formula to obtain the junction temperature.
Tj=PD
× θj–C + TC ( θj–C = 3°C/W) PD= (VIN–VO)•IOUT
Copper Laminate Area (on Glass-Epoxy Board) vs.
Thermal Resistance (from Junction to Ambient Temperature) (Typical Value)
55
50
45
40
35
30
0
200
400
600
800
1000
Copper Laminate Area (mm2)
1200
1400
1600
1800
When Using Glass-Epoxy Board of 40
× 40 mm
■Block Diagram
●SI-3010KD/SI-3012KD
●SI-3033KD/SI-3050KD
2
VIN
1
REF
VC
VO
ADJ
GND
5
3
4
TSD
-
+
2
VIN
1
REF
VC
Vo
Sense
GND
5
3
4
TSD
-
+
■Typical Connection Diagram
●SI-3033KD/SI-3050KD
●SI-3010KD/SI-3012KD
GND
3
VIN
CIN
2
VO
CO
4
VC
1
sense
5
+
+
D1*2
*1
Load
GND
3
VIN
CIN
R1
R2
2
VO
4
VC
1
ADJ
5
+
D1*2
CO
+
*1
R3
*3
Load
CIN: Input capacitor (22
µF or larger)
CO: Output capacitor
*1: SI-3012KD/3033KD (22
µF or larger)
Co has to be a low ESR capacitor such as a ceramic capacitor.
When using the electrolytic capacitor, oscillation may occur at a low temperature.
SI-3010KD/3050KD/ (47
µF or larger)
If a low ESR capacitor is used, oscillation may occur.
*2: D1: Reverse bias protection diode
This diode is required for protection against reverse biasing between the input
and output.
(Sanken SJPL-H2 is recommended.)
This diode is not required at VO
≤ 3.3V.
R1, R2: Output voltage setting resistors
The output voltage can be set by connecting R1 and R2 as shown
above.
The recommended value for R2 is 10
Ω (24kΩ for SI-3012KD).
R1=(VO–VADJ)
÷(VADJ/R2)
*3: For SI-3010KD, insert R3 in case of setting VO to VO
≤ 1.5V.
The recommended value for R3 is 10k
Ω.


Número de pieza similar - SI-3010KD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
SI-3010KD ALLEGRO-SI-3010KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3010KD SANKEN-SI-3010KD Datasheet
94Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3010KD SANKEN-SI-3010KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Descripción similar - SI-3010KD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com