Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1322FN Datasheet(PDF) 11 Page - Toshiba Semiconductor

No. de pieza TA1322FN
Descripción Electrónicos  DOWB-CONVERTER IC WITH PLL FOR SATELLITE TUNER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1322FN Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TA1322FN Datasheet HTML 7Page - Toshiba Semiconductor TA1322FN Datasheet HTML 8Page - Toshiba Semiconductor TA1322FN Datasheet HTML 9Page - Toshiba Semiconductor TA1322FN Datasheet HTML 10Page - Toshiba Semiconductor TA1322FN Datasheet HTML 11Page - Toshiba Semiconductor TA1322FN Datasheet HTML 12Page - Toshiba Semiconductor TA1322FN Datasheet HTML 13Page - Toshiba Semiconductor TA1322FN Datasheet HTML 14Page - Toshiba Semiconductor TA1322FN Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TA1322FN
2002-02-12
11
PLL Block
--I
2
C Bus Communications Control--
The TA1322FN conforms to Standard Mode I2C bus format.
I2C Bus Mode allows two-way bus communication using Write Mode (for receiving data) and Read Mode (for
processing status data).
Write Mode or Read Mode can be selected by setting the least significant bit (R/W bit) of the address byte.
If the least significant address bit is set to 0, Write Mode is selected; if it is set to 1, Read Mode is selected.
Address can be set using the hardware bits. 4 programmable address can be programmed.
Using this setting, multiple frequency synthesizers can be used on the same I2C bus line.
The address for the hardware bit setting can be selected by applying voltage to the address setting pin (ADR-pin
18). The address is selected according to the setting of these bits.
During acknowledgment of receipt of a valid address byte, the serial data (SDA) line is Low.
If Write Mode is currently selected, when the data byte is programmed, the serial data (SDA) line will be Low
during the next acknowledgment.
A)
Write mode (setting command)
When Write Mode is selected, byte 1 holds address data; byte 2 and byte 3 hold frequency data; byte
4 holds the divider ratio setting and function setting data; and byte 5 holds output port data.
Data is latched and transferred at the end of byte 3, byte 4 and byte 5.
Byte 2 and byte 3 are latched and transferred as a byte pair.
Once a valid address has been received and acknowledged, the data type can be determined by
reading the first bit of the next byte. That is, if the first bit is 0, the data is frequency data; if it is 1,
the data is function-setting or band output data.
Additional data can be input without the need to transmit the address data again until the I2C bus
STOP condition is detected (e.g. a frequency sweep using additional frequency data is possible).
If a data transmission is aborted, data programmed before the abort remains valid.
[[BYTE 1]]
The address data for byte 1 can be set using the hardware bit.
The hardware bit can be set by applying a voltage to the address-setting pin (ADR: pin 18).
[[BYTE 2, BYTE 3]]
Byte 2, byte 3 control the 15-bit programmable counter ratio and are stored in the 15-bit shift
register together with frequency setting counter data.
The program frequency can be calculated using the following formula:
fosc = 2 ´ fr ´ N
fosc: Program frequency
fr: Phase comparator reference frequency
N: Counter total divider ratio
fr is calculated from the crystal oscillator frequency and the reference frequency divider ratio
set in byte 4 (the control byte).
(fr = X’tal oscillator frequency/reference divider ratio)
The reference frequency divider ratio can be set to 1/64 or 1/128.
When a 4-MHz crystal oscillator is used, fr = 62.5 kHz or 31.25 kHz. The respective step
frequencies are 125 kHz and 62.5 kHz.
[[BYTE 4]]
Byte 4 is a control byte used to set function. Bit 2 (CP) controls the output current of the
charge-pump circuit.
When bit 2 is set to [0], the output current is set to ±50 mA; when set to [1], ±240 mA.
Bit 3 (T1) is used to set the test mode. When bit 3 is set to [0], normal mode; when set to [1],
test mode.
Bit 4 (T0) is used to set the charge pump. When bit 4 is set to [0], charge pump is ON (normal
used); When set to [1], charge pump is OFF.
Bit 5 (TS2) and bit 6 (TS1) used to set the test mode. They are used to set the charge pump test,
phase comparator reference signal output, and 1/2 counter divider ratios.
Bit 7 (TS0) is used to set the X’tal reference frequency divider ratio. When bit 7 is set to [0],
1/128 (frequency step is 62.5 kHz); when set to [1], 1/64 (frequency step is 125 kHz).
Bit 8 (OS) is used to set the charge pump drive amplifier output setting. When bit 8 is set to [0],


Número de pieza similar - TA1322FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pico Technology Ltd.
TA132 PICO-TA132 Datasheet
2Mb / 26P
   PicoScope® 3000 Series PC oscilloscopes and MSOs
2013-2016
logo
Transko Electronics, In...
TA13212AV TRANSKO-TA13212AV Datasheet
593Kb / 4P
   132.3 MHz IF SAW Filter / 12.55 MHz Bandwidth
Revision 0: 29. Sep. 2009
logo
TAI-SAW TECHNOLOGY CO.,...
TA1321A TAI-SAW-TA1321A Datasheet
412Kb / 6P
   SAW Filter 425 MHz
logo
Transko Electronics, In...
TA1321AM TRANSKO-TA1321AM Datasheet
429Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
logo
TAI-SAW TECHNOLOGY CO.,...
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
More results

Descripción similar - TA1322FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA1296FN TOSHIBA-TA1296FN Datasheet
227Kb / 22P
   Down-Converter IC with PLL for Satellite Tuner
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
logo
New Japan Radio
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
   PLL Synthesizer with IC Bus for TV Tuner
logo
Sony Corporation
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
   L-band Down Converter for Satellite Tuner
CXA3038N SONY-CXA3038N Datasheet
226Kb / 16P
   IQ Detection IC for Digital Satellite Broadcast Tuner
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
Synaptics Incorporated.
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
   Digital Satellite Dual Tuner RF IC
logo
Sony Corporation
CXA3275Q SONY-CXA3275Q Datasheet
201Kb / 22P
   PLL/OSC/MIX IC for Digital Tuner
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com