Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDP1300Q38CB Datasheet(PDF) 2 Page - Littelfuse

No. de pieza SDP1300Q38CB
Descripción Electrónicos  SIDACtor Protection Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SDP1300Q38CB Datasheet(HTML) 2 Page - Littelfuse

  SDP1300Q38CB Datasheet HTML 1Page - Littelfuse SDP1300Q38CB Datasheet HTML 2Page - Littelfuse SDP1300Q38CB Datasheet HTML 3Page - Littelfuse SDP1300Q38CB Datasheet HTML 4Page - Littelfuse SDP1300Q38CB Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® Protection Thyristors
Broadband Optimized™
www.littelfuse.com
©2008 Littelfuse
2
SIDACtor® Protection Thyristor Datasheet
SDP Biased Series
Parameter Name
Test Conditions
Value
Units
I
TSM Maximum non-repetitive on-state current, 50/60 Hz
0.5s
6.5
A
1s
4.6
2s
3.4
5s
2.3
30s
1.3
900s
0.73
50/60 Hz Ratings
Series
I
PP
I
TSM
2x10µs
1.2x50µs/8x20µs
10x700/5x310µs
10x1000µs
600V
RMS 1 cycle
Amps
Amps
Amps
Amps
A
RMS
Min
Min
Min
Min
Min
C
500
400
200
100
45
Surge Ratings
Package
Symbol
Parameter
Value
Unit
5x6 QFN
T
J
Junction Temperature
-65 to +150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
R
θJA
Thermal Resistance: Junction to Ambient
100
°C/W
Thermal Considerations
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
V-I Characteristics
Note : The device must initially be in thermal equilibrium with -40°C ≥T
J ≥ 150°C
Note: The lightning surge may be repeated after the device returns to its initial conditions.
The device must initially be in thermal equilibrium with -40°C ≥ TJ ≥150°C
0
5
10
15
20
25
30
35
40
0
0
1
0
1
1
1
.
0
Line Voltage
0V
3.3V
5V
12V
24V
30V
50V
Capacitance vs. Voltage*
* bias voltage must be lower than V
DRM


Número de pieza similar - SDP1300Q38CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SDP1300Q38CB LITTELFUSE-SDP1300Q38CB Datasheet
156Kb / 5P
   This new SDP Biased series provides overvoltage protection for applications
More results

Descripción similar - SDP1300Q38CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com