Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5550 Datasheet(PDF) 5 Page - Daya Electric Group Co., Ltd.

No. de pieza 2N5550
Descripción Electrónicos  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DAYA [Daya Electric Group Co., Ltd.]
Página de inicio  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

2N5550 Datasheet(HTML) 5 Page - Daya Electric Group Co., Ltd.

  2N5550 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 2Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 3Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 4Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 5Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 6Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N5550, 2N5551
5
Figure 6. Switching Time Test Circuit
VR, REVERSE VOLTAGE (VOLTS)
100
1.0
0.2
0.5
1.0
2.0
5.0
10
20
Cibo
70
50
30
20
10
7.0
5.0
3.0
2.0
0.3
0.7
3.0
7.0
Cobo
Figure 7. Capacitances
10.2 V
Vin
10 ms
INPUT PULSE
VBB
−8.8 V
100
RB
5.1 k
0.25 mF
Vin
100
1N914
Vout
RC
VCC
30 V
3.0 k
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
Values Shown are for IC @ 10 mA
TJ = 25°C
Figure 8. Turn−On Time
IC, COLLECTOR CURRENT (mA)
1000
Figure 9. Turn−Off Time
IC, COLLECTOR CURRENT (mA)
0.3
1.0
10
20 30 50
5000
0.5
0.2
10
20
30
50
100
200
300
500
2.0
100
200
IC/IB = 10
TJ = 25°C
tr @ VCC = 120 V
50
100
200
300
500
3.0 5.0
tr @ VCC = 30 V
td @ VEB(off) = 1.0 V
VCC = 120 V
3000
2000
1000
0.3
1.0
10
20 30 50
0.5
0.2
2.0
100
200
3.0 5.0
IC/IB = 10
TJ = 25°C
tf @ VCC = 120 V
tf @ VCC = 30 V
ts @ VCC = 120 V


Número de pieza similar - 2N5550

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N5550 ONSEMI-2N5550 Datasheet
188Kb / 6P
   mplifier Transistors(NPN Silicon)
June, 2004 ??Rev. 3
logo
Diotec Semiconductor
2N5550 DIOTEC-2N5550 Datasheet
106Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
logo
Nanjing International G...
2N5550 DGNJDZ-2N5550 Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
logo
SeCoS Halbleitertechnol...
2N5550 SECOS-2N5550 Datasheet
128Kb / 2P
   NPN Plastic Encapsulated Transistor
More results

Descripción similar - 2N5550

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com