Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDP3100Q38CB Datasheet(PDF) 4 Page - Littelfuse

No. de pieza SDP3100Q38CB
Descripción Electrónicos  SIDACtor Protection Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SDP3100Q38CB Datasheet(HTML) 4 Page - Littelfuse

  SDP3100Q38CB Datasheet HTML 1Page - Littelfuse SDP3100Q38CB Datasheet HTML 2Page - Littelfuse SDP3100Q38CB Datasheet HTML 3Page - Littelfuse SDP3100Q38CB Datasheet HTML 4Page - Littelfuse SDP3100Q38CB Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SIDACtor® Protection Thyristors
Broadband Optimized™
www.littelfuse.com
©2008 Littelfuse
4
SIDACtor® Protection Thyristor Datasheet
SDP Biased Series
Dimensions
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.187
0.197
0.207
4.745
5.000
5.253
B
0.226
0.236
0.246
5.745
6.000
6.253
C
0.054
0.059
0.064
1.374
1.500
1.628
D
0.165
0.168
0.171
4.199
4.275
4.351
E
0.027
0.030
0.033
0.686
0.762
0.838
F
0.011
0.014
0.017
0.279
0.356
0.432
G
0.047
0.050
0.053
1.194
1.270
1.346
H
0.032
0.035
0.038
0.800
0.876
0.953
I
0.027
0.030
0.033
0.686
0.762
0.838
J
0.100
0.103
0.106
2.540
2.616
2.692
PIN 1 & 8: TIP CONNECTIONS
PIN 2: BIAS (-)
PIN 3 & 6: GROUND CONNECTIONS
PIN 4 & 5: RING CONNECTION
PIN 7: BIAS (+)
F (ref)
G (ref)
C
PIN 1 INDICATOR
A
B
7
1
2
3
4
5
6
8
F
G
E
D
H
I
J
Part Marking System
Part Numbering System
Packaging Options
PackageType
Description
Packaging Quantity
Added Suffix
Industry Standard
QFN
5x6x1.5
4,000
RP
12mm Embossed Carrier Tape & Reel
First Line: Part number
Second Line: Date code
XXXXXX
XXXXX
MEDIAN
VOLTAGE
PACKAGE
Q38: QFN 5x6
0 = Single protector
RATING
FAMILY
SDP: SIDACtor
DSL Protector
C: 10x1000 100A
SDP xxx 0 Q38 C B
Biased


Número de pieza similar - SDP3100Q38CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SDP3100Q38CB LITTELFUSE-SDP3100Q38CB Datasheet
156Kb / 5P
   This new SDP Biased series provides overvoltage protection for applications
More results

Descripción similar - SDP3100Q38CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com