Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-8000GL Datasheet(PDF) 4 Page - Sanken electric

No. de pieza SI-8000GL
Descripción Electrónicos  Series Compact Separate Excitation Step-down Switching Mode Regulator ICs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8000GL Datasheet(HTML) 4 Page - Sanken electric

  SI-8000GL Datasheet HTML 1Page - Sanken electric SI-8000GL Datasheet HTML 2Page - Sanken electric SI-8000GL Datasheet HTML 3Page - Sanken electric SI-8000GL Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6
Efficiency Characteristics
Output Voltage
Load Regulation
Overcurrent Protection Characteristics
Thermal Protection Characteristics
Temperature Characteristics
010
20
30
40
50
Input Voltage VIN (V)
100
90
80
70
60
50
1A
0.5A
IO=1.5A
0.5A
1A
IO=1.5A
0.5A
1A
IO=1.5A
VO=1.8V
VO=5V
VO=24V
Ta=25
°C
01
2
34
1.2
1.0
0.8
0.6
0.4
0.2
0
Output Current IO (A)
VIN=30V 20V 12V 8V
Ta=25
°C
0
5
10
15
20
1.2
1.0
0.8
0.6
0.4
0.2
0
Input Voltage VIN (V)
IO=0.02A 1A 1.5A
*Load=C.R Ta=25
°C
0
0.5
1.0
1.5
1.03
1.02
1.01
1.00
0.99
0.98
0.97
Output Current IO (A)
VIN=8V
20V
12V
30V
Ta=25
°C
–50
0
50
150
100
300
250
200
150
100
50
1.015
1.01
1.005
1
0.995
0.99
Ambient Temperature Ta (
°C)
VO
η
Freq
VIN=12V, IO=1A
sTypical characteristics (SI-8010GL)
50
100
150
200
1.2
1.0
0.8
0.6
0.4
0.2
0
Ambient Temperature Ta (
°C)
TSD OFF
TSD ON
VIN=12V, IO=0.02A
qSI-8000GL Series


Número de pieza similar - SI-8000GL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-8000GL SANKEN-SI-8000GL Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL_11 Datasheet
73Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
More results

Descripción similar - SI-8000GL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SPI-8000A SANKEN-SPI-8000A Datasheet
440Kb / 3P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL_11 Datasheet
73Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
SI-8000SD SANKEN-SI-8000SD Datasheet
455Kb / 5P
   Surface Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000W SANKEN-SI-8000W Datasheet
429Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000JF SANKEN-SI-8000JF_10 Datasheet
48Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000S SANKEN-SI-8000S_10 Datasheet
43Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com