Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FWLF1524P2V Datasheet(PDF) 6 Page - Finisar Corporation.

No. de pieza FWLF1524P2V
Descripción Electrónicos  4 Gigabit RoHS Compliant CWDM SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FINISAR [Finisar Corporation.]
Página de inicio  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1524P2V Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FWLF1524P2V Datasheet HTML 2Page - Finisar Corporation. FWLF1524P2V Datasheet HTML 3Page - Finisar Corporation. FWLF1524P2V Datasheet HTML 4Page - Finisar Corporation. FWLF1524P2V Datasheet HTML 5Page - Finisar Corporation. FWLF1524P2V Datasheet HTML 6Page - Finisar Corporation. FWLF1524P2V Datasheet HTML 7Page - Finisar Corporation. FWLF1524P2V Datasheet HTML 8Page - Finisar Corporation. FWLF1524P2V Datasheet HTML 9Page - Finisar Corporation. FWLF1524P2V Datasheet HTML 10Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FWLF1524P2Vxx SFP Product Specification – October 2006
F i n i s a r
© Finisar Corporation October 31, 2006 Rev C Preliminary
Page 6
VIII. Digital Diagnostic Functions
All Finisar SFPs support the 2-wire serial communication protocol outlined in the SFP
MSA
6. These SFPs use an Atmel AT24C01A 128 byte E2PROM with an address of A0h
(see table below for E
2PROM contents). For details on interfacing with the E2PROM, see
the Atmel data sheet titled “AT24C01A/02/04/08/16 2-Wire Serial CMOS E
2PROM.”7
Finisar’s CWDM SFPs also support extended diagnostic features as described in Finisar
Applications Note AN-2030, “Digital Diagnostic Monitoring Interface for Optical
Transceivers”
8, and additional information is available in SFF standard titled: “Digital
Diagnostic Monitoring Interface for Optical Transceivers
9
(SFF-8472 rev9.3). A
controller IC that monitors system parameters such as laser current, module temperature,
transmitter power, and received power is accessible at address A2H.
I2C clock speed, digital diagnostic accuracy and digital diagnostic range can be found in
the table below. Values in the table represent the worst-case values over temperature,
voltage, and life.
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
I
2C Clock Speed
0
100,000
Hz
Bus can be driven blind
Accuracy
Transceiver
Temperature
DDTemperature
-5
+5
°C
Case temperature
Transceiver Supply
Voltage
DDVoltage
-3
+3
%
Tx Bias Current
DDBias
-10
+10
%
Tx Output Power
DDTxPower
-3
+3
dB
100% tested in production
over temp to
±2 dB
Received Average
Power
DDRxPower
-3
+3
dB
100% tested in production
over temp to
±2 dB
Range
Transceiver
Temperature
DDTemperature
-10
80
°C
Transceiver Supply
Voltage
DDVoltage
3.0
4.0
V
Tx Bias Current
DDBias
0
100
mA
Tx Output Power
DDTxPower
-10
5
dBm
Received Average
Power
DDRxPower
-25
1
dBm


Número de pieza similar - FWLF1524P2V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
FWLF1524P2VXX FRONTIER-FWLF1524P2VXX Datasheet
1Mb / 5P
   Product Guide
More results

Descripción similar - FWLF1524P2V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FWLF1524P2YXX FINISAR-FWLF1524P2YXX Datasheet
577Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1625P2L FINISAR-FWLF1625P2L Datasheet
610Kb / 1P
   4.25 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
FTLF1324P2TV FINISAR-FTLF1324P2TV Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2CD FINISAR-FTLF1424P2CD Datasheet
772Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCR FINISAR-FTLF1424P2WCR Datasheet
484Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2XCL FINISAR-FTLF1424P2XCL Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2WTL FINISAR-FTLF1324P2WTL Datasheet
474Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424WTR FINISAR-FTLF1424WTR Datasheet
482Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCL FINISAR-FTLF1424P2WCL Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com