Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM24VN02-G Datasheet(PDF) 1 Page - Ramtron International Corporation

No. de pieza FM24VN02-G
Descripción Electrónicos  256Kb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24VN02-G Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM24VN02-G Datasheet HTML 1Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 2Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 3Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 4Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 5Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 6Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 7Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 8Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Product Preview
This is a product under development. Device specifications are design
Ramtron International Corporation
goals and are subject to change. Ramtron reserves the right to change
1850 Ramtron Drive, Colorado Springs, CO 80921
or discontinue this product without notice.
(800) 545-FRAM, (719) 481-7000
Rev. 0.1
http://www.ramtron.com
Mar. 2009
Page 1 of 15
FM24V02
256Kb Serial 3V F-RAM Memory
Features
256K bit Ferroelectric Nonvolatile RAM
Organized as 32,768 x 8 bits
High Endurance 100 Trillion (1014) Read/Writes
10 year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Fast Two-wire Serial Interface
Up to 3.4 MHz maximum bus frequency
Direct hardware replacement for EEPROM
Supports legacy timing for 100 kHz & 400 kHz
Device ID and Serial Number
Device ID reads out Manufacturer ID & Part ID
Unique Serial Number (FM24VN02)
Low Voltage, Low Power Operation
Low Voltage Operation 2.0V – 3.6V
Active Current < 150
µA (typ. @ 100KHz)
90
µA Standby Current (typ.)
5
µA Sleep Mode Current (typ.)
Industry Standard Configuration
Industrial Temperature -40
° C to +85° C
8-pin “Green”/RoHS SOIC Package
Description
The FM24V02 is a 256Kbit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or F-RAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 10 years
while eliminating the complexities, overhead, and
system level
reliability
problems
caused
by
EEPROM and other nonvolatile memories.
The FM24V02 performs write operations at bus
speed. No write delays are incurred. The next bus
cycle may commence immediately without the need
for data polling. In addition, the product offers write
endurance
orders
of
magnitude
higher
than
EEPROM. Also, F-RAM exhibits much lower power
during writes than EEPROM since write operations
do not require an internally elevated power supply
voltage for write circuits.
These capabilities make the FM24V02 ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time of EEPROM can cause data loss. The
combination of features allows more frequent data
writing with less overhead for the system.
The FM24V02 provides substantial benefits to users
of serial EEPROM, yet these benefits are available in
a hardware drop-in replacement. The devices are
available in industry standard 8-pin SOIC package
using a familiar two-wire (I2C) protocol. The
FM24VN02 is offered with a unique serial number
that is read-only and can be used to identify a board
or system. Both devices incorporate a read-only
Device ID that allows the host to determine the
manufacturer, product density, and product revision.
The devices are guaranteed over an industrial
temperature range of -40°C to +85°C.
Pin Configuration
A0
A1
A2
VSS
VDD
WP
SCL
SDA
1
2
3
4
8
7
6
5
Pin Name
Function
A0-A2
Device Select Address
SDA
Serial Data/address
SCL
Serial Clock
WP
Write Protect
VDD
Supply Voltage
VSS
Ground


Número de pieza similar - FM24VN02-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM24VN02-G RAMTRON-FM24VN02-G Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24VN02-G CYPRESS-FM24VN02-G Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24VN02-GTR RAMTRON-FM24VN02-GTR Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24VN02-GTR CYPRESS-FM24VN02-GTR Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results

Descripción similar - FM24VN02-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com