Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

540HR3C Datasheet(PDF) 4 Page - HB Electronic Components

No. de pieza 540HR3C
Descripción Electrónicos  LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HB [HB Electronic Components]
Página de inicio  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

540HR3C Datasheet(HTML) 4 Page - HB Electronic Components

  540HR3C Datasheet HTML 1Page - HB Electronic Components 540HR3C Datasheet HTML 2Page - HB Electronic Components 540HR3C Datasheet HTML 3Page - HB Electronic Components 540HR3C Datasheet HTML 4Page - HB Electronic Components 540HR3C Datasheet HTML 5Page - HB Electronic Components 540HR3C Datasheet HTML 6Page - HB Electronic Components 540HR3C Datasheet HTML 7Page - HB Electronic Components 540HR3C Datasheet HTML 8Page - HB Electronic Components 540HR3C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LED SPECIFICATION
Page: 4
Typical electrical/optical characteristic curves
2.0
40
Ambient Temperature TA ( )
020
20
0
10
30
40
80
60
100
Forward Voltage(V)
1.7
1.9
50
0
10
20
30
50
40
30
2.3
2.1
2.5
10
20
0
IF-Forward Current (mA)
0.5
0
1.0
1.5
40
50
2.5
1.5
Ambient Temperature TA ( )
-40
0
20
0
0.5
1.0
1.5
80 90
60
40
2.0
2.5
-20
LUMINOUS INTENSITY Vs.
FORWARD CURRENT
LUMINOUS INTENSITY Vs.
AMBIENT TEMPERATURE
FORWARD CURRENT Vs.
AMBIENT TEMPERATURE
FORWARD CURRENT Vs.
FORWARD VOLTAGE
750
450
500
600
550
650
700
75
25
50
0
Wavelength
(nm)
100


Número de pieza similar - 540HR3C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
540 INTEL-540 Datasheet
1Mb / 96P
   Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Precid-Dip Durtal SA
540-88-020-17-400 PREDIP-540-88-020-17-400 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
540-88-020-17-400 PREDIP-540-88-020-17-400 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
540-88-020-17-400 PREDIP-540-88-020-17-400 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
540-88-020-17-400 PREDIP-540-88-020-17-400 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
More results

Descripción similar - 540HR3C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com