Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IXZR08N120 Datasheet(PDF) 3 Page - IXYS Corporation

No. de pieza IXZR08N120
Descripción Electrónicos  Z-MOS RF Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXZR08N120 Datasheet(HTML) 3 Page - IXYS Corporation

  IXZR08N120 Datasheet HTML 1Page - IXYS Corporation IXZR08N120 Datasheet HTML 2Page - IXYS Corporation IXZR08N120 Datasheet HTML 3Page - IXYS Corporation IXZR08N120 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IXZR08N120 & IXZR08N120A/B
Z-MOS RF Power MOSFET
Extended Typical Output Characteristics
0
5
10
15
20
25
0
10
20
30
40
50
60
VDS, Drain-to-Source Voltage (V)
Typical Transfer Characteristics
V
DS = 60V , PW = 30uS
0
5
10
15
20
25
5
6
7
8
9
10
11
12
V
GS, Gate-to Source Voltage (V )
V
DS vs . Capactiance
1
10
100
1000
10000
0
100
200
300
400
500
600
700
800
900 1000
VDS Voltage (V)
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Top
9V - 12V
8V
7.5V
7V
Bottom
6.5V
Crss
Coss
Ciss
Fig. 5
Gate Charge vs. Gate-to-Source Voltage
VDS = 600V, ID = 4A, IG = 3m A
0
2
4
6
8
10
12
14
16
0
20
40
60
80
Gate Charge (nC)
Typical Output Characteristics
0
5
10
15
0
10
20
30
40
50
60
V
DS, Drain-to-Source Voltage (V)
7.5V
7V
6.5V
8V - 12V


Número de pieza similar - IXZR08N120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXZR16N60 IXYS-IXZR16N60 Datasheet
169Kb / 4P
   Z-MOS RF Power MOSFET
IXZR16N60A IXYS-IXZR16N60A Datasheet
169Kb / 4P
   Z-MOS RF Power MOSFET
IXZR16N60B IXYS-IXZR16N60B Datasheet
169Kb / 4P
   Z-MOS RF Power MOSFET
IXZR18N50 IXYS-IXZR18N50 Datasheet
166Kb / 4P
   Z-MOS RF Power MOSFET
IXZR18N50A IXYS-IXZR18N50A Datasheet
166Kb / 4P
   Z-MOS RF Power MOSFET
More results

Descripción similar - IXZR08N120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXZ318N50 IXYS-IXZ318N50 Datasheet
143Kb / 4P
   Z-MOS RF Power MOSFET
IXZR18N50 IXYS-IXZR18N50 Datasheet
166Kb / 4P
   Z-MOS RF Power MOSFET
IXZR16N60 IXYS-IXZR16N60 Datasheet
169Kb / 4P
   Z-MOS RF Power MOSFET
IXZ316N60 IXYS-IXZ316N60 Datasheet
142Kb / 4P
   Z-MOS RF Power MOSFET
IXZ308N120 IXYS-IXZ308N120 Datasheet
149Kb / 3P
   Z-MOS RF Power MOSFET
logo
Mitsubishi Electric Sem...
2SK2973 MITSUBISHI-2SK2973 Datasheet
37Kb / 3P
   RF POWER MOS FET
RD15HVF1 MITSUBISHI-RD15HVF1_08 Datasheet
408Kb / 9P
   RF POWER MOS FET Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD06HHF1 MITSUBISHI-RD06HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,6W
RD16HHF1 MITSUBISHI-RD16HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,16W
RD06HVF1 MITSUBISHI-RD06HVF1_08 Datasheet
421Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 175MHz,6W
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com