Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDBT-40S-G Datasheet(PDF) 2 Page - Comchip Technology

No. de pieza CDBT-40S-G
Descripción Electrónicos  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBT-40S-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBT-40S-G Datasheet HTML 1Page - Comchip Technology CDBT-40S-G Datasheet HTML 2Page - Comchip Technology CDBT-40S-G Datasheet HTML 3Page - Comchip Technology CDBT-40S-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-BA001
RATING AND CHARACTERISTIC CURVES (CDBT-40/S/C/A-G)
Forward Voltage (V)
1.0
0.6
0.4
0.8
0
Fig.1 Forward Characteristics
0.1
1
10
100
1000
Reverse Voltage (V)
0
Fig.2 Reverse Characteristics
0.1
1
10
100
10000
20
Reverse Voltage (V)
0
Fig.3 Capacitance Between Terminals
Characteristics
0
1
2
4
5
30
50
Ambient Temperature (°C)
Fig.4 Power Derating Curve
0
160
SMD Diodes Specialist
COMCHIP
Comchip Technology CO., LTD.
Page 2
REV:C
30
50
3
0
100
150
0.2
10
40
80
O
TA=125 C
20
25
50
75
125
Small Signal Schottky Diodes
O
TA=-40 C
O
TA=0 C
O
TA=25 C
O
TA=75 C
1000
O
TA=125 C
O
TA=-40 C
O
TA=0 C
O
TA=25 C
O
TA=75 C
10
40
TJ=25°C
f=1MHz
Mounted on glass epoxy PCBs
40
120
200
240


Número de pieza similar - CDBT-40S-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBT-40 COMCHIP-CDBT-40 Datasheet
129Kb / 4P
   Small Signal Schottky Diodes
More results

Descripción similar - CDBT-40S-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com