Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDBT-40A-G Datasheet(PDF) 1 Page - Comchip Technology

No. de pieza CDBT-40A-G
Descripción Electrónicos  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBT-40A-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBT-40A-G Datasheet HTML 1Page - Comchip Technology CDBT-40A-G Datasheet HTML 2Page - Comchip Technology CDBT-40A-G Datasheet HTML 3Page - Comchip Technology CDBT-40A-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Schottky Diodes
Reverse Voltage: 40 Volts
Forward Current: 200 mA
RoHS Device
Page 1
REV:C
CDBT-40/S/C/A-G
Maximum Ratings (at Ta=25°C unless otherwise noted)
QW-BA001
SMD Diodes Specialist
COMCHIP
Comchip Technology CO., LTD.
Reverse breakdown voltage
Reverse voltage leakage current
Forward voltage
Diode capacitance
Reverse recovery time
Unit
Symbol
Parameter
VBR
IR
VF
CD
Trr
Features
-Design for mounting on small surface.
-High speed switching application, circuit
protection.
-Low forward voltage drop.
Mechanical data
-Case: SOT-23, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Approx. weight: 0.0078 grams
Circuit diagram
CDBT-40-G
Marking Code: 43
1
2
3
CDBT-40S-G
Marking Code: 44
1
2
3
CDBT-40C-G
Marking Code: 45
1
2
3
CDBT-40A-G
Marking Code: 46
1
2
3
Conditions
Min.
IR=10μA
VR=30V
IF=1mA
IF=40mA
VR=0V, f=1.0MHz
Irr=1mA, IF=IR=10mA,
RL=100Ω
40
V
nA
mV
pF
nS
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
Forward continuous current
Power dissipation
Thermal resistance, junction to ambient
Junction temperature
Storage temperature
Unit
Symbol
Parameter
VRRM
VRWM
VR
IFM
PD
RθJA
TJ
TSTG
Value
40
200
200
625
125
-65 to +125
V
mA
mW
°C/W
°C
°C
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Max.
200
380
1000
5
5
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.118(3.00)
0.110(2.80)
0.055(1.40)
0.047(1.20)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.020(0.50)
0.012(0.30)
0.006(0.15)
0.002(0.05)
0.100(2.55)
0.089(2.25)
0.004(0.10) max
0.008(0.20) min


Número de pieza similar - CDBT-40A-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBT-40 COMCHIP-CDBT-40 Datasheet
129Kb / 4P
   Small Signal Schottky Diodes
More results

Descripción similar - CDBT-40A-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com