Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2596 Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza LM2596
Descripción Electrónicos  3.0 A, Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2596 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LM2596 Datasheet HTML 7Page - ON Semiconductor LM2596 Datasheet HTML 8Page - ON Semiconductor LM2596 Datasheet HTML 9Page - ON Semiconductor LM2596 Datasheet HTML 10Page - ON Semiconductor LM2596 Datasheet HTML 11Page - ON Semiconductor LM2596 Datasheet HTML 12Page - ON Semiconductor LM2596 Datasheet HTML 13Page - ON Semiconductor LM2596 Datasheet HTML 14Page - ON Semiconductor LM2596 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM2596
http://onsemi.com
11
LM2596 Series Buck Regulator Design Procedures (continued)
Table 1. RECOMMENDED VALUES OF THE OUTPUT CAPACITOR AND FEEDFORWARD CAPACITOR
(Iload = 3 A)
Nichicon PM Capacitors
Vin (V)
Capacity/Voltage Range/ESR (mF/V/mW)
40
1500/35/24
1000/35/29
1000/35/29
680/35/36
560/25/55
560/25/55
470/35/46
470/35/46
26
1200/35/26
820/35
680/35/36
560/35/41
470/25/65
470/25/65
330/35/60
22
1000/35/29
680/35/36
560/35/41
330/25/85
330/25/85
220/35/85
20
820/35/32
470/35/46
470/25/65
330/25/85
330/25/85
220/35/85
18
820/35/32
470/35/46
470/25/65
330/25/85
330/25/85
220/35/85
12
820/35/32
470/35/46
220/35/85
220/25/111
10
820/35/32
470/35/46
220/35/85
Vout (V)
2
4
6
9
12
15
24
28
CFF (nF]
40
15
5
2
1.5
1
0.6
0.6
15uH
22uH
33uH
47uH
68uH
100uH
150uH
220uH
L35
L27
L36
L27
L42
L43
L44
L37
L38
L30
L29
L21
L22
L31
L39
L40
L32
L23
L15
L24
L40
L40
L25
L34
0.6
0.8
1.0
1.5
2.0
2.5
3.0
4
5
6
7
8
9
10
15
20
25
30
40
50
60
70
Maximum load current (A)
Figure 18. Inductor Value Selection Guides (For Continuous Mode Operation)


Número de pieza similar - LM2596

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
   Simple high-efficiency step-down (buck) regulator
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results

Descripción similar - LM2596

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
   2.5 A step-down switching regulator
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
   3 A step-down switching regulator
logo
ON Semiconductor
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
STMicroelectronics
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
   3 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com