Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AZV393MMTR-E1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

No. de pieza AZV393MMTR-E1
Descripción Electrónicos  DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Página de inicio  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV393MMTR-E1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZV393MMTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
4
Nov. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393
4
BCD Semiconductor Manufacturing Limited
Data Sheet
2.7V DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VOS
1.7
7
mV
9
Input Offset Voltage Average Drift
TCVOS
5
µV/oC
Input Bias Current
IB
IIN+ or IIN- with output in
linear range, VCM=0V
10
250
nA
400
Input Offset Current
IIO
IIN+ - IIN-, VCM=0V
550
nA
150
Saturation Voltage
VSAT
ISINK≤1mA
200
mV
500
Output Sink Current
ISINK
VO≤1.5V
523
mA
Input Common-Mode Voltage Range
VCM
-0.1
2
V
Supply Current
ICC
70
150
µA
200
Output Leakage Current
ILEAKAGE
0.003
µA
Limits in standard typeface are guaranteed for TA=25oC, VCC=2.7V, VEE=0V, RL=5.1kΩ connected to VCC and VCM=0, bold
typeface applies over full temperature ranges, unless otherwise specified.
2.7V AC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Propagation Delay (High to Low)
TPHL
Input Overdrive=10mV
1000
ns
Input Overdrive=100mV
350
Propagation Delay (Low to High)
TPLH
Input Overdrive=10mV
500
ns
Input Overdrive=100mV
400
All limits are guaranteed for TA=25oC, VCC=2.7V, VEE=0V, RL=5.1kΩ connected to VCC and VCM=0, unless otherwise
specified.
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.5
5.5
V
Ambient
Operating Temperature Range
TA
-40
85
oC
Recommended Operating Conditions


Número de pieza similar - AZV393MMTR-E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AZV393MMTR-E1 BCDSEMI-AZV393MMTR-E1 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393MMTR-E1 DIODES-AZV393MMTR-E1 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

Descripción similar - AZV393MMTR-E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AZV393 BCDSEMI-AZV393 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393 DIODES-AZV393 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
[Old version datasheet]   Single General-Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com