Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LM3431QMH Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de Pieza. LM3431QMH
Descripción  3-Channel Constant Current LED Driver with Integrated Boost Controller
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

LM3431QMH Datasheet(HTML) 4 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltages from the indicated
pins to SGND:
VIN
-0.3V to 37V
EN
-0.3V to 10V
DIM
-0.3V to 7V
MODE/F
-0.3V to 7V
REFIN
-0.3V to 7V
THM
-0.3V to 7V
DLY
-0.3V to 7V
SNSx
-0.3V to 7V
NDRVx
-0.3V to 7V
CFB
-0.3V to 7V
SC
-0.3V to 40V
AFB
-0.3V to 7V
CS
-0.3V to 7V
VCC
-0.3V to 7V
Storage Temperature
-65°C to +150°C
Soldering Dwell Time, Temp.
  Infrared
20sec, 240°C
  Vapor Phase
75sec, 219°C
ESD Rating (Note 2)
Human Body Model
2 kV
Operating Ratings (Note 1)
VIN
4.5V to 36V
Junction Temp. Range
-40°C to +125°C
Thermal Resistance (
θ
JA)
(Note 3)
TSSOP-28 (0.5W)
32°C/W
Power Dissipation (Note 4)
TSSOP-28
3.1W
Electrical Characteristics Specifications in standard type are for TJ = 25°C only, and limits in boldface type
apply over the junction temperature (TJ) range of -40°C to +125°C. Unless otherwise stated, V
IN = 12V. Minimum and Maximum
limits are guaranteed through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ
= 25°C, and are provided for reference purposes only. (Note 5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
System
I
Q
Operating VIN Current (Note 6)
DIM = 5V
4.0
4.85
mA
I
Q_SB
Standby mode VIN current
EN = 1V
3.7
mA
I
Q_SD
Shutdown mode VIN Current
EN = 0V, Vin = 36V
15
23
uA
V
CC
VCC voltage
Iload = 25 mA, Vin = 5.5 to 36V
4.80
5
5.24
V
VCC
ILIM
VCC current limit
72
mA
UVLO
UVLO threshold
VIN rising, measured at VCC
4.36
4.50
V
hysteresis
0.28
V
V
EN_ST
Enable pin Standby threshold
EN rising
0.75
V
V
EN
Enable pin On threshold
EN rising
1.185
1.230
1.275
V
hysteresis
115
165
mV
Linear Current Controller
V
REF
Reference Voltage
IREF < 300 µA
2.45
2.5
2.55
V
I
REFIN
REFIN input bias current
REFIN = 300 mV
14
80
nA
ΔV
REF / ΔVIN
Line regulation
5.5V < VIN < 36V
0.0001
%/V
V
NDRV
NDRVx drive voltage capability
INDRVx = 5 mA
3.7
V
I
NDRV_SK
NDRVx drive sink current
NDRV
X = 0.9V
4
6
8
mA
I
NDRV_SC
NDRVx drive source current
NDRV
X = 0.9V
10
15
20
mA
I
SNS
SNSx input bias current
SNSx = 300 mV
20
30
µA
V
OS
SNSx amp offset voltage
REFIN = 300 mV (LM3431)
-5
+5
mV
V
OS
SNSx amp offset voltage
REFIN = 300 mV (LM3431A)
-3
+3
mV
V
OS_DELTA
Ch. To Ch. offset voltage mismatch
(Note 7)
REFIN = 300 mV, 25°C (LM3431)
5.5
mV
V
OS_DELTA
Ch. To Ch. offset voltage mismatch
(Note 7)
REFIN = 300 mV, -40°C to +125°C
(LM3431)
6
mV
V
OS_DELTA
Ch. To Ch. offset voltage mismatch
(Note 7)
REFIN = 300 mV, 25°C (LM3431A)
3.5
mV
V
OS_DELTA
Ch. To Ch. offset voltage mismatch
(Note 7)
REFIN = 300 mV, -40°C to +125°C
(LM3431A)
4
mV
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn