Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA16B-DGM-S30-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

No. de pieza LA16B-DGM-S30-PF
Descripción Electrónicos  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA16B-DGM-S30-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA16B-DGM-S30-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA16B-DGM-S30-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA16B-DGM-S30-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA16B-DGM-S30-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA16B-DGM-S30-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA16B-DGM-S30-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3.5
Typ.
V
150
ESD
Electrostatic Discharge( * )
COLOR
Water Clear
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
InGaN/GaN
MATERIAL
LA16B/DGM-S30-PF
PART NO
Green
Emitted
Operating Temperature
Storage Temperature
Dominant
wave
length
λDnm
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
525
Lens
36
4.0
Max.
550 1100
Min.
Typ.
28
-30 ~ +100
Tstg
Topr
-20 ~ +80
Absolute Maximum Ratings at Ta=25
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Power Dissipation
Parameter
Page 2/5
PD
Ir
IFP
IF
120
50
100
30
Symbol
Ratings
DGM
mA
mA
μA
mW
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Peak
wave
length
λPnm
518
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
PART NO. LA16B/DGM-S30-PF


Número de pieza similar - LA16B-DGM-S30-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LA16B-DGM-2-PF LIGITEK-LA16B-DGM-2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-DGM-PF LIGITEK-LA16B-DGM-PF Datasheet
107Kb / 6P
   LED ARRAY
More results

Descripción similar - LA16B-DGM-S30-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com