Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC551001BTRL-70L Datasheet(PDF) 4 Page - Toshiba Semiconductor |
|
TC551001BTRL-70L Datasheet(HTML) 4 Page - Toshiba Semiconductor |
4 / 13 page TC551001BPL/BFL/BFTL/BTRL-70L/85L Static RAM SR01020795 4 TOSHIBA AMERICA ELECTRONIC COMPONENTS, INC . AC Characteristics (Ta = 0 ~ 70 °C, V DD = 5V±10%) Read Cycle Write Cycle AC Test Conditions SYMBOL PARAMETER TC551001BPL/BFL/BFTL/BTRL UNIT -70L -85L MIN. MAX. MIN. MAX. tRC Read Cycle Time 70 – 85 – ns tACC Address Access Time – 70 – 85 tCO1 CE1 Access Time – 70 – 85 tCO2 CE2 Access Time – 70 – 85 tOE Output Enable to Output in Valid – 35 – 45 tCOE Chip Enable (CE1, CE2) to Output in Low-Z 10 – 10 – tOEE Output Enable to Output in Low-Z 5 – 5 – tOD Chip Enable (CE1, CE2) to Output in High-Z – 25 – 30 tODO Output Enable to Output in High-Z – 25 – 30 tOH Output Data Hold Time 10 – 10 – SYMBOL PARAMETER TC551001BPL/BFL/BFTL/BTRL UNIT -70L -85L MIN. MAX. MIN. MAX. tWC Write Cycle Time 70 – 85 – ns tWP Write Pulse Width 50 – 60 – tCW Chip Selection to End of Write 60 – 75 – tAS Address Setup Time 0 – 0 – tWR Write Recovery Time 0 – 0 – tODW R/W to Output in High-Z – 25 – 30 tOEW R/W to Output in Low-Z 5 – 5 – tDS Data Setup Time 30 – 35 – tDH Data Hold Time 0 – 0 – Input Pulse Levels 2.4V/0.6V Input Pulse Rise and Fall Time 5ns Input Timing Measurement Reference Level 1.5V Output Timing Measurement Reference Level 1.5V Output Load 1 TTL Gate and CL = 100pF |
Número de pieza similar - TC551001BTRL-70L |
|
Descripción similar - TC551001BTRL-70L |