Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA79B-1-G.SEG.G.G-S20-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

No. de pieza LA79B-1-G.SEG.G.G-S20-PF
Descripción Electrónicos  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA79B-1-G.SEG.G.G-S20-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA79B-1-G.SEG.G.G-S20-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA79B-1-G.SEG.G.G-S20-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA79B-1-G.SEG.G.G-S20-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA79B-1-G.SEG.G.G-S20-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA79B-1-G.SEG.G.G-S20-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA79B-1-G.SEG.G.G-S20-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA79B-1-G.SEG.G.G-S20-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Topr
-40 ~ +85
Operating Temperature
Min.
Typ.
Min.
Max.
Lens
Emitted
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LA79B-1/G.SEG.G.G-S20-PF
Green
GaP
565
30
1.7
Green
GaP
White Diffused
1.7
565
Green Diffused
1.7
30
8.0
2.6
15
50
3.0
8.0
2.6
50
20
12
2.6
50
Forward
voltage
@20mA(V)
Typical Electrical & Optical Characteristics (Ta=25
)
PART NO
MATERIAL
COLOR
Peak
wave
length
λPnm
Spectral
halfwidth
△λnm
Tstg
Storage Temperature
-40 ~ +100
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@10mA(mcd)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
G
Reverse Current @5V
Power Dissipation
10
Ir
100
PD
Forward Current
Peak Forward Current
Duty 1/10@10KHz
30
IF
120
IFP
Absolute Maximum Ratings at Ta=25
Symbol
Parameter
Ratings
μA
mW
mA
mA
UNIT
Page 2/6
80
10
80
20
SE
Orange
GaAsP/GaP
610
45
PART NO. LA79B-1/G.SEG.G.G-S20-PF


Número de pieza similar - LA79B-1-G.SEG.G.G-S20-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LA79B-1-G.SEG.G.G-S2-PF LIGITEK-LA79B-1-G.SEG.G.G-S2-PF Datasheet
125Kb / 7P
   LED ARRAY
More results

Descripción similar - LA79B-1-G.SEG.G.G-S20-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com