Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA79B-1-HYXX-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

No. de pieza LA79B-1-HYXX-PF
Descripción Electrónicos  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA79B-1-HYXX-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LA79B-1-HYXX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA79B-1-HYXX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA79B-1-HYXX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA79B-1-HYXX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA79B-1-HYXX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA79B-1-HYXX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA79B-1-HYXX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
0.1
Wavelength (nm)
1000
0.0
600
700
900
800
0.5
1.0
100
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
)
1.0
0.8
0.9
20
-20
-40
0
60
40
80
Ambient Temperature(
)
0.5
0.0
-40
0
-20
40
20
1.0
1.5
80
60
100
5.0
Fig.3 Forward Voltage vs. Temperature
1.2
1.1
Forward Voltage(V)
1.0
2.0
4.0
3.0
Fig.4 Relative Intensity vs. Temperature
2.0
2.5
3.0
100
Forward Current(mA)
1.0
0.0
10
1000
H CHIP
Fig.1 Forward current vs. Forward Voltage
100
10
1.0
1000
0.5
1.0
1.5
2.0
Fig.2 Relative Intensity vs. Forward Current
3.0
2.5
Typical Electro-Optical Characteristics Curve
PART NO. LA73B-1/HYXX-PF
Page3/6
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Número de pieza similar - LA79B-1-HYXX-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LA79B-1-HYGG-PF LIGITEK-LA79B-1-HYGG-PF Datasheet
136Kb / 8P
   LED ARRAY
LA79B-1-HYHG-PF LIGITEK-LA79B-1-HYHG-PF Datasheet
136Kb / 8P
   LED ARRAY
More results

Descripción similar - LA79B-1-HYXX-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com