Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AUP2G241DCUR Datasheet(PDF) 11 Page - Texas Instruments |
|
|
SN74AUP2G241DCUR Datasheet(HTML) 11 Page - Texas Instruments |
11 / 16 page VM From Output Under Test CL (see Note A) LOAD CIRCUIT 1 MΩ VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS tPLH tPHL tPHL tPLH VOH VOH VOL VOL VI 0 V Input Output Output VM VM VM VM VM 5, 10, 15, 30 pF VCC/2 VCC VCC = 1.2 V ± 0.1 V VCC = 0.8 V VCC = 1.5 V ± 0.1 V VCC = 1.8 V ± 0.15 V VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC CL VM VI 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC th tsu Data Input Timing Input VCC 0 V VCC 0 V 0 V tw Input VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PULSE DURATION VCC/2 VCC/2 VCC/2 VCC/2 VCC VCC/2 SN74AUP2G241 www.ti.com SCES761A – DECEMBER 2009 – REVISED DECEMBER 2009 PARAMETER MEASUREMENT INFORMATION (Propagation Delays, Setup and Hold Times, and Pulse Width) A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, for propagation delays tr/tf = 3 ns, for setup and hold times and pulse width tr/tf = 1.2 ns. D. The outputs are measured one at a time, with one transition per measurement. E. tPLH and tPHL are the same as tpd. F. All parameters and waveforms are not applicable to all devices. Figure 3. Load Circuit and Voltage Waveforms Copyright © 2009, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): SN74AUP2G241 |
Número de pieza similar - SN74AUP2G241DCUR |
|
Descripción similar - SN74AUP2G241DCUR |