Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2011D1YFFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA2011D1YFFR
Descripción Electrónicos  3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA2011D1YFFR Datasheet(HTML) 5 Page - Texas Instruments

  TPA2011D1YFFR Datasheet HTML 1Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 2Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 3Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 4Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 5Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 6Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 7Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 8Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Measurement
Output
+
-
C
I
TPA2011D1
IN+
IN-
30 kHz
LowPass
Filter
Load
Measurement
Input
+
-
OUT+
OUT-
VDD
GND
VDD
C
S1
C
S2
C
I
+
-
R
I
R
I
PO − Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10
20
30
40
50
60
70
80
90
100
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
RL = 8 Ω + 33 µH
Gain = 6 dB
PO − Output Power − W
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0
10
20
30
40
50
60
70
80
90
100
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
RL = 4 Ω + 33 µH
Gain = 6 dB
PO − Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.1
0.2
0.3
0.4
RL = 8 Ω + 33 µH
RL = 4 Ω + 33 µH
VDD = 3.6 V
Gain = 6 dB
PO − Output Power − W
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
RL = 8 Ω + 33 µH
RL = 4 Ω + 33 µH
VDD = 5.0 V
Gain = 6 dB
TPA2011D1
www.ti.com
SLOS626 – DECEMBER 2009
TEST SETUP FOR GRAPHS
1. Input resistor RI = 150kΩ gives a gain of 6 dB which is used for all the graphs
2. CI was shorted for any common-mode input voltage measurement. All other measurements were taken with CI = 0.1-μF
(unless otherwise noted).
3. CS1 = 0.1μF is placed very close to the device. The optional CS2 = 10μF is used for datasheet graphs.
4. The 30-kHz low-pass filter is required even if the analyzer has an internal low-pass filter. An RC low-pass filter (1k
Ω,
4700pF) is used on each output for the data sheet graphs.
TYPICAL CHARACTERISTICS
VDD = 3.6 V, CI = 0.1 μF, CS1 = 0.1 μF, CS2 = 10 μF, TA = 25°C, RL = 8 Ω (unless otherwise noted)
EFFICIENCY vs
EFFICIENCY vs
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
POWER DISSIPATION vs
POWER DISSIPATION vs
OUTPUT POWER
OUTPUT POWER
Figure 3.
Figure 4.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPA2011D1


Número de pieza similar - TPA2011D1YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2011D1YFFR TI1-TPA2011D1YFFR Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1YFFR TI1-TPA2011D1YFFR Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1YFFR TI1-TPA2011D1YFFR Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
More results

Descripción similar - TPA2011D1YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_17 Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Nuvoton Technology Corp...
NAU82039 NUVOTON-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU82039 ETC2-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Texas Instruments
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
logo
Fangtek Ltd.
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
logo
Texas Instruments
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com