Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS62230 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS62230
Descripción  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
Descarga  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS62230 Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
-OutputCurrent-mA
O
MODE=V ,
V
=1.2V,
L =2.2 HMIPSZ20122R2(2012size),
C
=4.7 F
IN
OUT
OUT
m
m
V
=5V
IN
V
=2.3V
IN
V
=3.6V
IN
V
=4.2V
IN
V
=2.7V
IN
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
MODE=GND,
V
=1.2V,
L =2.2 HMIPSZ20122R2(2012size),
C
=4.7 F
OUT
OUT
m
m
V
=5V
IN
V
=2.3V
IN
V
=3.6V
IN
V
=4.2V
IN
V
=2.7V
IN
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
0
10
20
30
40
50
60
70
80
90
100
V
=3.6V
IN
V
=4.2V
IN
V
=5V
IN
TPS62233
MODE=GND,
V
=3V,
L =1 H,
C
=4.7 F
OUT
OUT
m
m
50
55
60
65
70
75
80
85
90
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
LQM21PN2R2
L =2.2 H0805
(2x1.25x0.55mm )
m
3
MIPSZ2012D2R2
L =2.2 H0805
(2x1.25x1mm )
m
3
MIPSD1R0
L =1 H0805
(2x1.25x1mm )
m
3
LQM2HPN1R0MJ0
L =1 H
(2.5x2x1.2mm )
m
3
MODE=GND,
C
=2.2 F(0402),
C
=4.7 F(0402),
V
=1.8V,
V
=3.6V
IN
OUT
OUT
IN
m
m
MIPSA25202R2
L =2.2 H
(2.5x2x1.2mm )
m
3
TPS62230, TPS62231, TPS62232, TPS62233
TPS62234, TPS62235, TPS62236, TPS62237
TPS62238, TPS62239, TPS622310, TPS622311
SLVS941B – APRIL 2009 – REVISED DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 5. Efficiency PFM/PWM Mode 1.2V Output voltage
Figure 6. Efficiency Forced PWM Mode 1.2V Output Voltage
Figure 7. Comparison Efficiency vs Inductor Value and Size
Figure 8. Comparison Efficiency vs IOUT – TPS62233
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn