Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4970X4 Datasheet(PDF) 1 Page - Cirrus Logic

No. de pieza CS4970X4
Descripción Electrónicos  High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4970X4 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4970X4_09 Datasheet HTML 1Page - Cirrus Logic CS4970X4_09 Datasheet HTML 2Page - Cirrus Logic CS4970X4_09 Datasheet HTML 3Page - Cirrus Logic CS4970X4_09 Datasheet HTML 4Page - Cirrus Logic CS4970X4_09 Datasheet HTML 5Page - Cirrus Logic CS4970X4_09 Datasheet HTML 6Page - Cirrus Logic CS4970X4_09 Datasheet HTML 7Page - Cirrus Logic CS4970X4_09 Datasheet HTML 8Page - Cirrus Logic CS4970X4_09 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Copyright 2009 Cirrus Logic
Nov ‘09
DS752PP8
High Definition Audio Decoder DSP
Family with Dual 32-bit DSP Engine Technology
CS4970x4 Data Sheet
http://www.cirrus.com
FEATURES
Multi-standard 32-bit High Definition Audio Decoding plus
Post-Processing
Supports high-definition audio formats including:
— Dolby Digital® Plus
—Dolby® TrueHD
—DTS-HD® High Resolution Audio
—DTS-HD® Master Audio
— DTS Express
Additional Applications Library
— Dolby Digital® EX, Dolby® Pro Logic® IIz, Dolby
Headphone 2®, Dolby® Virtual Speaker 2®, Audistry®
— DTS-ES 96/24Discrete 7.1, DTS-ESDiscrete 7.1, DTS-
ESMatrix 6.1, DTS Neo:6®, DTS Neural Surround
—DSD®
— MPEG-2 AACLC 5.1
—SRS® CS2®, SRS TruVolume, SRS® TruSurround
HD4, WOW HD,
—THX® Ultra2, THX® ReEQ
— Thomson MP3 Surround
— Audyssey 2EQModule
Cirrus Logic’s Applications Library
— Cirrus Original Multi-Channel Surround 2 (COMS2),
Cirrus Band Xpander, Cirrus Virtualization Technology,
Cirrus Intelligent Room Calibration 2 (IRC2)
— Crossbar Mixer, Signal Generator
— Advanced Post-Processors including: 7.1 Bass Manager,
Tone Control, 11- Band Parametric EQ, Delay, 2:1/4:1
Decimator, 1:2/1:4 Upsampler
Up to 12 Channels of 32-bit Serial Audio Input
Customer Software Security Keys
16 Ch x 32-bit PCM Out with Dual 192 kHz SPDIF Tx
Two SPI/I2Cports
One Parallel Port (144-pin LQFP package only)
Large On-chip X, Y, and Program RAM & ROM
SDRAM and Serial Flash Memory Support
The CS4970x4 DSP family is an enhanced version of the
CS4953x DSP family with higher overall performance. In
addition to all the mainstream audio processing codes in on-
chip ROM that the CS4953x DSP offers, the CS4970x4 device
family also supports the decoding of major high-definition
audio formats. Additionally, the CS4970x4, a dual-core device,
performs the high-definition audio decoding on the first core,
leaving the second core available for audio post-processing and
audio enhancement. The CS4970x4 device supports the most
demanding audio post processing requirements. It provides an
easy upgrade path to systems currently using the CS495xx or
CS4953x device with minor hardware and software changes.
Ordering Information
See page 28 for ordering information.
Coyote 32-bit
DSP A
D
M
A
Coyote 32-bit
DSP B
Ext. Memory Controller
P
S/PDIF
X
Y
P
X
Y
Serial
Control 1
16 Ch PCM
Audio Out
Serial
Control 2
Parallel
Control
GPIO
Debug
STC
TMR1
TMR2
PLL
S/PDIF
12 Ch. Audio In /
6 Ch. SACD In
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.


Número de pieza similar - CS4970X4_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
More results

Descripción similar - CS4970X4_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS497014 CIRRUS-CS497014 Datasheet
871Kb / 31P
   High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
   32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
   32-bit Audio Decoder DSP Family
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
   32-bit Dual Audio DSP Engine
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com