Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AD5541ABCPZ-1 Datasheet(PDF) 9 Page - Analog Devices

No. de Pieza. AD5541ABCPZ-1
Descripción  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

AD5541ABCPZ-1 Datasheet(HTML) 9 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Preliminary Technical Data
AD5541A/AD5542A/AD5512AA
Rev. P
rA | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 14. Integral Nonlinearity vs. Code
Figure 15. Integral Nonlinearity vs. Temperature
Figure 16. Linearity Error vs. Supply Voltage
Figure 17. Differential Nonlinearity vs. Code
Figure 18. Differential Nonlinearity vs. Temperature
Figure 19. Linearity Error vs. Reference Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn