Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6250 Datasheet(PDF) 1 Page - Comset Semiconductor

No. de pieza 2N6250
Descripción Electrónicos  HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMSET [Comset Semiconductor]
Página de inicio  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6250 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N6250 Datasheet HTML 1Page - Comset Semiconductor 2N6250 Datasheet HTML 2Page - Comset Semiconductor 2N6250 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMSET SEMICONDUCTORS
1/3
2N6249 – 2N6250 – 2N6251
The 2N6249 – 2N6250 – 2N6251 are NPN silicon transistors in Jedec TO-3.
They are designed for high voltage inverters, switching regulators and line operated amplifier
applications. Especially well suited for switching power supply applications.
High Voltage Breakdown Rating
Low Saturation Voltages
Fast Switching Capability
High Es/b Energy Handling Capability
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N6249
200
2N6250
275
VCEO
#Collector-Emitter Voltage (1)
2N6251
350
V
2N6249
225
2N6250
300
VCER
#Collector-Emitter Voltage (1)
RBE=50Ω
2N6251
375
V
2N6249
300
2N6250
375
VCB
Collector-Base Voltage (1)
2N6251
450
Vdc
2N6249
2N6250
VEB
Emitter-Base Voltage
2N6251
6.0
Vdc
2N6249
2N6250
Continuous
(1)
2N6251
15
2N6249
2N6250
IC
Collector Current
Peak
2N6251
30
Adc
2N6249
2N6250
Continuous
(1)
2N6251
10
2N6249
2N6250
IB
Base Current
Peak
2N6251
20
Adc
2N6249
2N6250
Continuous
2N6251
25
2N6249
2N6250
IE
Emitter Current
Peak
2N6251
50
Adc
H
HIIG
GH
H V
VO
OL
LT
TA
AG
GE
E N
NP
PN
N S
SIIL
LIIC
CO
ON
N P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


Número de pieza similar - 2N6250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N6250 CENTRAL-2N6250 Datasheet
111Kb / 2P
   NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6250 NJSEMI-2N6250 Datasheet
137Kb / 3P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
2N6250 CENTRAL-2N6250 Datasheet
51Kb / 1P
   POWER TRANSISTORS TO-3 CASE
logo
M/A-COM Technology Solu...
2N6250 MA-COM-2N6250 Datasheet
446Kb / 4P
   NPN Darlington Power Silicon Transistor
logo
Microsemi Corporation
2N6250 MICROSEMI-2N6250 Datasheet
67Kb / 2P
   NPN POWER SILICON TRANSISTOR
More results

Descripción similar - 2N6250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
TIP47G ONSEMI-TIP47G Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
logo
New Jersey Semi-Conduct...
2N6249 NJSEMI-2N6249 Datasheet
137Kb / 3P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N6251 MOTOROLA-2N6251 Datasheet
99Kb / 6P
   High Voltage NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
   NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
MJE3439 NJSEMI-MJE3439 Datasheet
87Kb / 2P
   NPN Silicon High-Voltage Power Transistors
logo
STMicroelectronics
BUV46 STMICROELECTRONICS-BUV46 Datasheet
47Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Continental Device Indi...
CSD1426F CDIL-CSD1426F Datasheet
110Kb / 3P
   NPN HIGH VOLTAGE SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
TIP48 NJSEMI-TIP48 Datasheet
83Kb / 2P
   High Voltage NPN Silicon Power Transistors
2N6497 NJSEMI-2N6497 Datasheet
94Kb / 2P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com