Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA185B-1-4G.4Y-S1-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

No. de pieza LA185B-1-4G.4Y-S1-PF
Descripción Electrónicos  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA185B-1-4G.4Y-S1-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LA185B-1-4G.4Y-S1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA185B-1-4G.4Y-S1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA185B-1-4G.4Y-S1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA185B-1-4G.4Y-S1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA185B-1-4G.4Y-S1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA185B-1-4G.4Y-S1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA185B-1-4G.4Y-S1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LA185B-1-4G.4Y-S1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1.0
500
0.0
0.5
Wavelength (nm)
650
550
600
-40
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
0.8
1.0
0.9
1.1
1.2
0.5
-40
60
Ambient Temperature(
)
40
20
0
-20
100
80
0.0
Ambient Temperature(
)
0
20
40
-20
60
100
80
Fig.4 Relative Intensity vs. Temperature
2.5
1.5
1.0
2.0
3.0
Page 3/6
1.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
100
0.1
10
1.0
1000
G CHIP
1.0
0.5
4.0
Forward Voltage(V)
2.0
3.0
5.0
0.0
1.5
1.0
2.0
100
Forward Current(mA)
10
1000
Fig.2 Relative Intensity vs. Forward Current
2.5
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3.5
PART NO. LA185B-1/4G.4Y-S1-PF


Número de pieza similar - LA185B-1-4G.4Y-S1-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LA185B-1-260-A LIGITEK-LA185B-1-260-A Datasheet
1,005Kb / 5P
   LED ARRAY
LA185B-1-260-B-PF LIGITEK-LA185B-1-260-B-PF Datasheet
123Kb / 7P
   LED ARRAY
More results

Descripción similar - LA185B-1-4G.4Y-S1-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com