Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BDX33A Datasheet(PDF) 2 Page - Comset Semiconductor

No. de pieza BDX33A
Descripción Electrónicos  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMSET [Comset Semiconductor]
Página de inicio  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX33A Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX33A Datasheet HTML 1Page - Comset Semiconductor BDX33A Datasheet HTML 2Page - Comset Semiconductor BDX33A Datasheet HTML 3Page - Comset Semiconductor BDX33A Datasheet HTML 4Page - Comset Semiconductor BDX33A Datasheet HTML 5Page - Comset Semiconductor BDX33A Datasheet HTML 6Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NPN BDX33 – BDX33A – BDX33B – BDX33C
PNP BDX34 – BDX34A – BDX34B – BDX34C
COMSET SEMICONDUCTORS
2/6
Symbol
Ratings
Value
Unit
BDX33
BDX33A
BDX33B
BDX33C
BDX34
BDX34A
BDX34B
IC(RMS)
BDX34C
10
BDX33
BDX33A
BDX33B
BDX33C
BDX34
BDX34A
BDX34B
IC
Collector Current
ICM
BDX34C
15
A
BDX33
BDX33A
BDX33B
BDX33C
BDX34
BDX34A
BDX34B
IB
Base Current
BDX34C
0.25
A
BDX33
BDX33A
BDX33B
BDX33C
BDX34
BDX34A
BDX34B
PT
Power Dissipation
@ TC = 25°
BDX34C
70
Watts
W/°C
BDX33
BDX33A
BDX33B
TJ
Junction Temperature
BDX33C
BDX34
BDX34A
BDX34B
TS
Storage Temperature
BDX34C
-65 to +150
°C


Número de pieza similar - BDX33A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
BDX33A MOSPEC-BDX33A Datasheet
92Kb / 2P
   POWER TRANSISTORS(10A,70W)
logo
Bourns Electronic Solut...
BDX33A BOURNS-BDX33A Datasheet
97Kb / 5P
   Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D
logo
Power Innovations Ltd
BDX33A POINN-BDX33A Datasheet
128Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33A MCC-BDX33A Datasheet
912Kb / 4P
   NPN Silicon Power Darlingtons
logo
Fairchild Semiconductor
BDX33A FAIRCHILD-BDX33A Datasheet
39Kb / 5P
   Power Linear and Switching Applications
More results

Descripción similar - BDX33A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com