Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BDX47 Datasheet(PDF) 1 Page - Comset Semiconductor

No. de pieza BDX47
Descripción Electrónicos  SILICON PLANAR DARLINGTON TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMSET [Comset Semiconductor]
Página de inicio  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX47 Datasheet(HTML) 1 Page - Comset Semiconductor

  BDX47 Datasheet HTML 1Page - Comset Semiconductor BDX47 Datasheet HTML 2Page - Comset Semiconductor BDX47 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP BDX45 – BDX46 – BDX47
NPN BDX42 – BDX43– BDX44
COMSET SEMICONDUCTORS
1/3
The BDX45, BDX46 and BDX47 are silicon PNP planar Darlington transistors and
are mounted in Jedec TO-126 plastic package.
They are intented for use in industrial switching applications.
The complementary NPN types are the BDX42, BDX43 and BDX44 respectively.
SILICON PLANAR DARLINGTON
TRANSISTORS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BDX45
60
BDX46
80
- VCBO
Collector-Base Voltage
BDX47
90
V
BDX45
45
BDX46
60
- VCER
Collector-EmitterVoltage
BDX47
80
V
BDX45
BDX46
- VEBO
Emitter-Base Voltage
BDX47
5
V
BDX45
BDX46
- IC
BDX47
1
BDX45
BDX46
- IC
Collector Current
- ICM
BDX47
2
A
BDX45
BDX46
- IB
Base Current
BDX47
0.1
A
BDX45
BDX46
PT
Power Dissipation
@ TC = 25°
BDX47
1.25
Watts
BDX45
BDX46
TJ
Junction Temperature
BDX47
150
BDX45
BDX46
TS
Storage Temperature
BDX47
-65 to +150
°C


Número de pieza similar - BDX47

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BDX47 PHILIPS-BDX47 Datasheet
65Kb / 8P
   PNP Darlington transistors
1997 Jul 02
logo
Comset Semiconductor
BDX47 COMSET-BDX47 Datasheet
66Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX47 NJSEMI-BDX47 Datasheet
119Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
More results

Descripción similar - BDX47

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
BDX42 NJSEMI-BDX42 Datasheet
119Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
Comset Semiconductor
BDX42 COMSET-BDX42_12 Datasheet
66Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
BDX45 COMSET-BDX45_12 Datasheet
66Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
BDX42 COMSET-BDX42 Datasheet
197Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
Micro Electronics
MPS-D04 MICRO-ELECTRONICS-MPS-D04 Datasheet
39Kb / 1P
   COMPLEMENTARY DARLINGTON SILICON PLANAR TRANSISTORS
logo
Zetex Semiconductors
BCV26 ZETEX-BCV26 Datasheet
49Kb / 1P
   PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BD875 SIEMENS-BD875 Datasheet
211Kb / 8P
   NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Continental Device Indi...
CJF100 CDIL-CJF100 Datasheet
298Kb / 4P
   SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
FZTA64 ZETEX-FZTA64 Datasheet
58Kb / 2P
   PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Continental Device Indi...
MJ11015 CDIL-MJ11015 Datasheet
176Kb / 3P
   SILICON PLANAR DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com