Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD057VU5 Datasheet(PDF) 4 Page - AZ Displays

No. de pieza PD057VU5
Descripción Electrónicos  TECHNICAL SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AZDISPLAYS [AZ Displays]
Página de inicio  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VU5 Datasheet(HTML) 4 Page - AZ Displays

  PD057VU5 Datasheet HTML 1Page - AZ Displays PD057VU5 Datasheet HTML 2Page - AZ Displays PD057VU5 Datasheet HTML 3Page - AZ Displays PD057VU5 Datasheet HTML 4Page - AZ Displays PD057VU5 Datasheet HTML 5Page - AZ Displays PD057VU5 Datasheet HTML 6Page - AZ Displays PD057VU5 Datasheet HTML 7Page - AZ Displays PD057VU5 Datasheet HTML 8Page - AZ Displays PD057VU5 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PD057VU5
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:4
1. Application
This data sheet applies to a color TFT LCD module, PD057VU5.
PD057VU5 module applies to OA product, car TV (must use Analog to Digital driving board),
which requires high quality flat panel display. If you must use in severe reliability
environment, please don’t extend over PVI’s reliability test conditions.
2. Features
. QVGA (320*240 pixels) resolution
. Amorphous silicon TFT LCD panel with LED
. Pixel in stripe configuration
. Thin and light weight
. Display Colors
262,144 colors
. TTL interface
3. Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
5.7 (diagonal)
inch
Display Format
320 (R,G,B) 240
dot
Display Colors
262,144
Active Area
115.20 (H) 86.4 (V)
mm
Pixel Pitch
0.36(H) 0.36(V)
mm
Pixel Configuration
Stripe
Outline Dimension
144(W) 104.6 (H) 13.0 (D) (typ.)
mm
Weight
206 10
g
Back-light
LED
Surface treatment
Anti-glare + SWV
Display mode
Normally white
Gray scale inversion direction
6 o`clock
[ref. to Note 12-1]
P-511-407(V:4)


Número de pieza similar - PD057VU5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU4_V5 AZDISPLAYS-PD057VU4_V5 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU7 AZDISPLAYS-PD057VU7 Datasheet
904Kb / 20P
   TECHNICAL SPECIFICATION
More results

Descripción similar - PD057VU5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com