Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AZP96NG Datasheet(PDF) 6 Page - Arizona Microtek, Inc

No. de pieza AZP96NG
Descripción Electrónicos  ECL/PECL Differential Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AZM [Arizona Microtek, Inc]
Página de inicio  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP96NG Datasheet(HTML) 6 Page - Arizona Microtek, Inc

  AZP96NG Datasheet HTML 1Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 2Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 3Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 4Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 5Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 6Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 7Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AZP96
June 2009 * REV - 3
www.azmicrotek.com
6
Package
Suffix
Reel Diameter
Quantity
Carrier Tape Width
Carrier Tape Pitch
MLP 8 (2x2mm)
R1
7”
1000
8mm
4mm
R2
13”
2500
8mm
4mm
TAPE & REEL PACKAGING
MLP 8 2x2mm
Direction of Travel


Número de pieza similar - AZP96NG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arizona Microtek, Inc
AZP96NG AZM-AZP96NG Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZP96NG AZM-AZP96NG Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
More results

Descripción similar - AZP96NG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
AZ10EP16 AZM-AZ10EP16 Datasheet
80Kb / 6P
   ECL/PECL Differential Receiver
AZ10LVEL16 AZM-AZ10LVEL16 Datasheet
82Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_12 Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com