Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9393BBCZRL-80 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD9393BBCZRL-80
Descripción Electrónicos  Low Power HDMI Display Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9393BBCZRL-80 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9393BBCZRL-80 Datasheet HTML 7Page - Analog Devices AD9393BBCZRL-80 Datasheet HTML 8Page - Analog Devices AD9393BBCZRL-80 Datasheet HTML 9Page - Analog Devices AD9393BBCZRL-80 Datasheet HTML 10Page - Analog Devices AD9393BBCZRL-80 Datasheet HTML 11Page - Analog Devices AD9393BBCZRL-80 Datasheet HTML 12Page - Analog Devices AD9393BBCZRL-80 Datasheet HTML 13Page - Analog Devices AD9393BBCZRL-80 Datasheet HTML 14Page - Analog Devices AD9393BBCZRL-80 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD9393
Rev. 0 | Page 11 of 40
AUDIO BOARD LEVEL MUTING
The audio can be muted through the infoframes or locally
via the serial bus registers. This can be controlled with
Register 0x57, Bits[7:6].
AVI Infoframes
The HDMI TMDS transmission contains infoframes with
specific information for the monitor such as:
Audio information
Two channels to eight channels of audio identified
Audio coding
Audio sampling frequency
Speaker placement
N and CTS values (for reconstruction of the audio)
Muting
Source information
CD
SACD
DVD
Video information
Video ID code (per CEA861B)
Color space
Aspect ratio
Horizontal and vertical bar information
MPEG frame information (I, B, or P frame)
Vendor (transmitter source) name and product model
This information is the fundamental difference between DVI
and HDMI transmissions and is located in the read-only registers
Register 0x5A to Register 0xEE. In addition to this information,
registers are provided to indicate that new information has been
received. Registers with addresses ending in 7 or F beginning
with Register 0x87 contain the new data flags (NDF)
information. All of these registers contain the same information
and all are reset when any of them are read. Although there is
no external interrupt signal, it is very easy for the user to read
any of the NDF registers to see if there is new information to be
processed.
OUTPUT DATA FORMATS
The AD9393 supports 4:4:4, 4:2:2, double data-rate (DDR), and
BT656 output formats. Register 0x25[3:0] controls the output
mode. These modes and the pin mapping are illustrated in
Table 8.
Table 8. Output Formats1
Port
Bits D[23:0]
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
4:4:4
Red/Cr [7:0]
Green/Y [7:0]
Blue/Cb [7:0]
4:2:2
CbCr [7:0]
Y [7:0]
DDR 4:2:2 CbCr Y, Y
4:4:4 DDR
DDR G [3:0]
DDR B [7:4]
DDR B [3:0]
DDR 4:2:2 CbCr [11:0]
DDR R [7:0]
DDR G [7:4]
DDR 4:2:2 Y, Y [11:0]
4:2:2 to 12-bit
CbCr [11:0]
Y [11:0]
1 Arrows indicate clock edge. The rising edge of clock =
↑, the falling edge = ↓.


Número de pieza similar - AD9393BBCZRL-80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9396 AD-AD9396 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396/PCB AD-AD9396/PCB Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396KSTZ-100 AD-AD9396KSTZ-100 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396KSTZ-150 AD-AD9396KSTZ-150 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
More results

Descripción similar - AD9393BBCZRL-80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9381 AD-AD9381 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
   HDMI Display Interface
REV. 0
AD9381 AD-AD9381_15 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
   HDMI??Display Interface
REV. 0
AD9380 AD-AD9380 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9880 AD-AD9880 Datasheet
1Mb / 64P
   Analog/HDMI Dual Display Interface
REV. 0
ADV7613 AD-ADV7613_17 Datasheet
301Kb / 13P
   Low Power HDMI to LVDS Display Bridge
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
Digital View Ltd
ALR-1920 DIGITALVIEW-ALR-1920 Datasheet
1Mb / 36P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com