Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AZV99 Datasheet(PDF) 9 Page - Arizona Microtek, Inc

No. de pieza AZV99
Descripción Electrónicos  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AZM [Arizona Microtek, Inc]
Página de inicio  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99 Datasheet(HTML) 9 Page - Arizona Microtek, Inc

Back Button AZV99_09 Datasheet HTML 5Page - Arizona Microtek, Inc AZV99_09 Datasheet HTML 6Page - Arizona Microtek, Inc AZV99_09 Datasheet HTML 7Page - Arizona Microtek, Inc AZV99_09 Datasheet HTML 8Page - Arizona Microtek, Inc AZV99_09 Datasheet HTML 9Page - Arizona Microtek, Inc AZV99_09 Datasheet HTML 10Page - Arizona Microtek, Inc AZV99_09 Datasheet HTML 11Page - Arizona Microtek, Inc AZV99_09 Datasheet HTML 12Page - Arizona Microtek, Inc AZV99_09 Datasheet HTML 13Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AZV99
June 2009 * REV - 13
www.azmicrotek.com
9
Bottom Center Pad may be left open
or tied to VEE. Pin 4 is the VEE return.
Bottom Center Pad is the VEE
return.
LOGIC DIAGRAMS AND PINOUTS FOR
AZV99NA, AZV99NB, AZV99ND
EN operation follows PECL functionality. See the
Timing Diagram.
D
VEE
4mA
470
VBB
EN
QHG
Q
D
QHG
AZV99NA
470
D
4mA
470
VBB/D
EN
VEE
QHG
Q
QHG
AZV99NB
AZV99ND
D
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
AZV99NB
QHG
QHG
EN
Q
VBB/D
VEE
VCC
TOP VIEW
D
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
AZV99NA
QHG
QHG
EN
Q
VBB
VCC
TOP VIEW
VEE
D
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
AZV99ND
QHG
QHG
EN
Q
VBB/D
VCC
TOP VIEW
VEE
D
Bottom Center Pad may be left open
or tied to VEE. Pin 5 is the VEE return.


Número de pieza similar - AZV99_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arizona Microtek, Inc
AZV99LG AZM-AZV99LG Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99LG AZM-AZV99LG Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99NA AZM-AZV99NA Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99NBG AZM-AZV99NBG Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99NBG AZM-AZV99NBG Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results

Descripción similar - AZV99_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com