Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AZV99T Datasheet(PDF) 2 Page - Arizona Microtek, Inc |
|
AZV99T Datasheet(HTML) 2 Page - Arizona Microtek, Inc |
2 / 16 page AZV99 June 2009 * REV - 13 www.azmicrotek.com 2 MLP 8, 2x2 mm Package, NA, NB & ND Options The MLP 8 NA, NB and ND options of the AZV99 provide a PECL/ECL level enable input (EN ¯¯¯). When the EN ¯¯¯ input is LOW, the Q ¯ and QHG/Q ¯ HG outputs pass data from the inputs. When EN ¯¯¯ is HIGH, the Q ¯ output continues to pass data while the QHG output is forced high and the Q ¯ HG output is forced low. Only the Q ¯ output operates with a current source (4 mA) to VEE. This is accomplished by internal bonding of CS-SEL. An external resistor may also be used to increase pull-down current to a maximum of 25mA (includes 4mA on-chip current source). The AZV99NB and AZV99ND versions operates with a single ended data input (D). The D ¯ input is internally bonded directly to the VBB pin bypassing the 470Ω bias resistor. TSSOP 8 Package (T), MLP 8 Package, (N) The TSSOP 8 (T) and MLP 8 (N) versions of the AZV99 provide a CMOS/TTL level enable input (EN). When the EN input is HIGH, the Q ¯ and QHG/Q ¯ HG outputs pass data from the inputs. When EN is LOW, the Q ¯ output continues to pass data while the QHG output is forced high and the Q ¯ HG output is forced low. Only the Q ¯ output operates with a current source (4 mA) to VEE. This is accomplished by internal bonding of CS-SEL. An external resistor may also be used to increase pull-down current to a maximum of 25mA (includes 4mA on-chip current source). The TSSOP 8 (T) and MLP 8 (N) AZV99 operates with a single ended data input (D). The D ¯ input is internally bonded directly to the VBB pin bypassing the 470Ω bias resistor. NOTE: Specifications in the ECL/PECL tables are valid when thermal equilibrium is established. ENABLE TRUTH TABLE Q D 4mA EA. 470 VBB EN/EN VEE EN-SEL CMOS/TTL THRESHOLD CS-SEL QHG Q D QHG EN-SEL EN/EN ¯¯¯ Q/Q ¯ QHG Q ¯ HG NC NC PECL Low or NC PECL High or VCC Data Data Data High Data Low VEE 1 VEE 1 CMOS/TTL Low, VEE or NC CMOS/TTL High or VCC 2 Data Data High Data Low Data 1 EN-SEL connections must be less than 1Ω. 2 An external ≤20kΩ pull-up resistor between EN and VCC ensures a High when the EN pin is not driven. CURRENT SOURCE TRUTH TABLE CS-SEL Q Q ¯ NC VEE 1 VCC 1 4mA typ. 8mA typ. 0 4mA typ. 8mA typ. 4mA typ. 1 CS-SEL connections must be less than 1Ω. PIN DESCRIPTION PIN FUNCTION D/D ¯ Data Inputs Q/Q ¯ PECL Data Outputs QHG/Q ¯ HG LVDS Data Outputs VBB Reference Voltage Output EN-SEL Selects Enable Logic EN/EN ¯¯ Enable Input CS-SEL Selects Q and Q ¯ Current Source Magnitude VEE Negative Supply VCC Positive Supply |
Número de pieza similar - AZV99T |
|
Descripción similar - AZV99T |