Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100LVE111 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MC100LVE111
Descripción Electrónicos  LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100LVE111 Datasheet(HTML) 1 Page - Motorola, Inc

  MC100LVE111 Datasheet HTML 1Page - Motorola, Inc MC100LVE111 Datasheet HTML 2Page - Motorola, Inc MC100LVE111 Datasheet HTML 3Page - Motorola, Inc MC100LVE111 Datasheet HTML 4Page - Motorola, Inc MC100LVE111 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
4–1
REV 1
© Motorola, Inc. 1996
12/94
LowVoltage 1:9 Differential
ECL/PECL Clock Driver
The MC100LVE111 is a low skew 1-to-9 differential driver, designed
with clock distribution in mind. The MC100LVE111’s function and
performance are similar to the popular MC100E111, with the added
feature of low voltage operation. It accepts one signal input, which can be
either differential or single-ended if the VBB output is used. The signal is
fanned out to 9 identical differential outputs.
200ps Part-to-Part Skew
50ps Output-to-Output Skew
Differential Design
VBB Output
Voltage and Temperature Compensated Outputs
Low Voltage VEE Range of –3.0 to –3.8V
75kΩ Input Pulldown Resistors
The LVE111 is specifically designed, modeled and produced with low
skew as the key goal. Optimal design and layout serve to minimize gate to
gate skew within a device, and empirical modeling is used to
determineprocess control limits that ensure consistent tpd distributions
from lot to lot. The net result is a dependable, guaranteed low skew
device.
To ensure that the tight skew specification is met it is necessary that
both sides of the differential output are terminated into 50
Ω, even if only
one side is being used. In most applications, all nine differential pairs will
be used and therefore terminated. In the case where fewer than nine
pairs are used, it is necessary to terminate at least the output pairs on the
same package side as the pair(s) being used on that side, in order to
maintain minimum skew. Failure to do this will result in small degradations
of propagation delay (on the order of 10–20ps) of the output(s) being
used which, while not being catastrophic to most designs, will mean a
loss of skew margin.
The MC100LVE111, as with most other ECL devices, can be operated from a positive VCC supply in PECL mode. This allows
the LVE111 to be used for high performance clock distribution in +3.3V systems. Designers can take advantage of the LVE111’s
performance to distribute low skew clocks across the backplane or the board. In a PECL environment, series or Thevenin line
terminations are typically used as they require no additional power supplies. For systems incorporating GTL, parallel termination
offers the lowest power by taking advantage of the 1.2V supply as a terminating voltage. For more information on using PECL,
designers should refer to Motorola Application Note AN1406/D.
MC100LVE111
LOW-VOLTAGE
1:9 DIFFERENTIAL
ECL/PECL CLOCK DRIVER
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02


Número de pieza similar - MC100LVE111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111FN ONSEMI-MC100LVE111FN Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
MC100LVE111FN ONSEMI-MC100LVE111FN Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111FNG ONSEMI-MC100LVE111FNG Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
More results

Descripción similar - MC100LVE111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
Semtech Corporation
SK10LVE111E SEMTECH-SK10LVE111E Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
   Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com