Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC34700 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc |
|
MC34700 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc |
9 / 28 page PIN CONNECTIONS FUNCTIONAL PIN DESCRIPTIONS Analog Integrated Circuit Device Data Freescale Semiconductor 9 34700 13 EN3 This input enables buck regulator #3. Asserting EN3 high turns on DC/DC #3. The internal control logic remains active as long as VIN is present. 14 EN_LDO This input enables the LDO. Asserting EN_LDO high turns on the LDO. The internal control logic remains active as long as VIN is present. 15 FB3 DC/DC #3’s error amplifier inverting input. Connect the required compensation network and feedback network to this terminal as appropriate. 16 COMP3 Buck regulator #3’s compensation output. COMP3 is connected to DC/DC #3’s error amplifier’s output. Connect the required external compensation network between the COMP3 pin and the FB3 pin. 17 BST3 Buck regulator #3’s bootstrap capacitor input. Connect a capacitor between the BST3 and SW3 pin of DC/DC #3 to enhance the gate of the high side MOSFET during switching. 18 VIN3 Buck regulator #3’s power input voltage. VIN3 is connected to the drain of the DC/DC #3’s high side MOSFET. Local bypass capacitors are recommended. 19 SW3 Buck regulator #3’s switching node. SW3 is connected to source of the high side and the drain of the low side MOSFET. Connect this pin to the output inductor. 20 GND3 Buck regulator #3’s power ground. GND3 is connected to the source of DC/DC #3’s low side MOSFET. Connect this pin to the DC/DC #3’s power return path. 21 LDO_FB LDO error amplifier inverting input. Connect the appropriate output voltage feedback resistor divider to this pin. 22 LDO LDO regulator output. Connect this pin to the feedback resistor divider and output capacitor. 23 LDO_VIN LDO’s power input voltage. LDO_VIN is connected to the drain of the linear regulator’s pass device. Local bypass capacitors are recommended. 24 VIN IC supply voltage input. This pin should be de-coupled from the buck regulator’s power input voltages (VIN1, VIN2, VIN3). Filtering is required for proper device operation. 25 VGREG This is the output of an internal linear regulator which is used to supply the gate drivers. The VGREG linear regulator is driven from the input supply voltage VIN, and it’s output is also used to drive the gates of the low side MOSFETs of regulators DC/DC #2 and DC/DC #3, as well as the LDO. Connect this pin to a low ESR, 1.0 μF bypass capacitor. 26 VDDI Internal regulator output used to supply the internal logic and analog blocks. VDDI is driven from the gate drive supply voltage, VGREG. Connect this pin to a 1.0 μF, low ESR decoupling filter capacitor. 27 PGOOD Status signal used to indicate that all the regulators’ output voltages are good. Upon a fault occurrence, this output signal goes low. PGOOD is an open drain output, and must be pulled up by an external resistor to a supply voltage suitable for I/O. 28 AGND Analog ground of the IC. Internal analog and logic signals are referenced to this pin. 29 VOUT1 DC/DC #1’s shunt input. VOUT1 is connected to a discharge MOSFET. This MOSFET is used to discharge the output of DC/DC1 when there is a fault condition, such as thermal shutdown or a short circuit. It is also used to provide a pre-load to maintain a minimum duty. Connect this pin to the output of DC/DC #1. 30 FB1 DC/DC #1’s error amplifier inverting input. Connect the required compensation network and feedback network to this terminal as appropriate. 31 COMP1 Buck regulator #1’s compensation output. COMP1 is connected to DC/DC #1’s error amplifier’s output. Connect the required external compensation network between the COMP1 pin and the FB1 pin. 33 AGND Thermal pad for heat transfer. Connect the thermal pad to the analog ground. Table 3. 34700 Pin Definitions (continued) Pin Name Pin Description |
Número de pieza similar - MC34700_09 |
|
Descripción similar - MC34700_09 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |