Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFD211-21-XX Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

No. de pieza LFD211-21-XX
Descripción Electrónicos  FOUR DIGIT LED DISPLAY (0.28 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD211-21-XX Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD211-21-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD211-21-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD211-21-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD211-21-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD211-21-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD211-21-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD211-21-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD211-21-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Common
Anode
LFD211/21-XX
4/7
Page
15
H
60
40
mW
mA
mA
UNIT
Symbol
IF
IFP
PD
Parameter
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Ratings
Absolute Maximum Ratings at Ta=25
Forward Current Per Chip
Power Dissipation Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
PART NO.
2:1
IV-M
Iv(mcd)
Vf(v)
Electrical
Typ.
Min.
0.5
0.35
Typ.
Min.
2.1
1.7
2.6
Max.
Topr
Tstg
90
697
common
cathode
or anode
λP
(nm)
△λ
(nm)
CHIP
Emitted
Red
GaP
Material
-25 ~ +85
-25 ~ +85
Common
Cathode
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Part Selection And Application Information(Ratings at 25
)
Solder Temperature 1-16 Inch Below Seating Plane For 3 Seconds At 260
PART NO
LFD2121-XX
LFD2111-XX
Storage Temperature
Operating Temperature
μA
10
Ir
Reverse Current Per Any Chip


Número de pieza similar - LFD211-21-XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LFD211-21-XX-RP155-PF LIGITEK-LFD211-21-XX-RP155-PF Datasheet
190Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results

Descripción similar - LFD211-21-XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-SRP13-1 LIGITEK-LFD211-22-XX-SRP13-1 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-24S-XX-PF LIGITEK-LFD211-24S-XX-PF Datasheet
156Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-64-XX-PF LIGITEK-LFD265-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-RP85-PF LIGITEK-LFD265-6A-XX-RP85-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-S1-PF LIGITEK-LFD265-6A-XX-S1-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com