Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
D048C480T018M2N Datasheet(PDF) 1 Page - Powerbox |
|
D048C480T018M2N Datasheet(HTML) 1 Page - Powerbox |
|
1 / 1 page Your dependable power partner – www.powerbox.com.au 227 VIBrick Series 220W DC/DC CONVER TER PRELIMINAR Y Features • 36-75 Vdc input. • Up to 84A/in3 or 185W/in3. • 100°C operating temperature. • High efficiency. • Positive or negative logic enable. • Low noise. • 2,250Vdc basic insulation. • Only 0.36” in height. • Industry standard quarter-brick footprint. VICBrick PRODUCT DESCRIPTION These VICBricks are quarter-brick sized, high-performance DC-DC converters that conform to industry -standard footprints and pin-outs, while delivering unprecedented performance in power density, efficiency, transient response, and cost. This superior performance is enabled by the revolutionary V•I Chip technology with its Sine Amplitude Converter topology. Dual output pins are used for output current over 50A. Part Numbering |
Número de pieza similar - D048C480T018M2N |
|
Descripción similar - D048C480T018M2N |